Electronic Components Datasheet Search
  English  ▼

X  

AD8028 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8028 Datasheet HTML 16Page - Analog Devices AD8028 Datasheet HTML 17Page - Analog Devices AD8028 Datasheet HTML 18Page - Analog Devices AD8028 Datasheet HTML 19Page - Analog Devices AD8028 Datasheet HTML 20Page - Analog Devices AD8028 Datasheet HTML 21Page - Analog Devices AD8028 Datasheet HTML 22Page - Analog Devices AD8028 Datasheet HTML 23Page - Analog Devices AD8028 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8027/AD8028
Rev. B | Page 23 of 24
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
Ordering Guide
Model
Minimum Ordering Quantity
Temperature Range
Package Description
Package Outline
Branding
AD8027AR
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8027AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8027AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8027ART-R2
250
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B
AD8027ART-REEL
10,000
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B
AD8027ART-REEL7
3,000
–40°C to +125°C
6-Lead SOT-23
RT-6
H4B
AD8028AR
1
–40°C to +125°C
8-Lead SOIC
R-8
AD8028AR-REEL
2,500
–40°C to +125°C
8-Lead SOIC
R-8
AD8028AR-REEL7
1,000
–40°C to +125°C
8-Lead SOIC
R-8
AD8028ARM
1
–40°C to +125°C
10-Lead MSOP
RM-10
H5B
AD8028ARM-REEL
3,000
–40°C to +125°C
10-Lead MSOP
RM-10
H5B
AD8028ARM-REEL7
1,000
–40°C to +125°C
10-Lead MSOP
RM-10
H5B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com