Electronic Components Datasheet Search
  English  ▼

X  

AD9876BST Datasheet(PDF) 20 Page - Analog Devices

Part # AD9876BST
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876BST Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9876BST Datasheet HTML 16Page - Analog Devices AD9876BST Datasheet HTML 17Page - Analog Devices AD9876BST Datasheet HTML 18Page - Analog Devices AD9876BST Datasheet HTML 19Page - Analog Devices AD9876BST Datasheet HTML 20Page - Analog Devices AD9876BST Datasheet HTML 21Page - Analog Devices AD9876BST Datasheet HTML 22Page - Analog Devices AD9876BST Datasheet HTML 23Page - Analog Devices AD9876BST Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. A
AD9876
–20–
the first address to be accessed. The AD9876 will automatically
increment the address for each successive byte required for the
multibyte communication cycle.
Figures 10a and 10b show how the serial port words are built
for each of these modes.
SENABLE
SCLK
SDATA
R/W I6(N) I5(N)
I3
I4
I2
I1
I0 D7N D6N
D20 D10 D00
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
Figure 10a. Serial Register Interface Timing MSB-First
SENABLE
SCLK
SDATA
I0
I6(N)
I5(N)
I3
I4
I2
I1
R/W
D7N
D6N
D20
D10
D00
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
Figure 10b. Serial Register Interface Timing LSB-First
Notes on Serial Port Operation
The serial port is disabled and all registers are set to their default
values during a hardware reset. During a software reset, all
registers except Register 0 are set to their default values. Regis-
ter 0 will remain at the last value sent, with the exception that
the Software Reset Bit will be set to 0.
The serial port is operated by an internal state machine and is
dependent on the number of SCLK cycles since the last time
SENABLE went active. On every eighth rising edge of SCLK, a
byte is transferred over the SPI. During a multibyte write cycle,
this means the registers of the AD9876 are not simultaneously
updated but occur sequentially. For this reason, it is recom-
mended that single byte transfers be used when changing the
SPI configuration or performing a software reset.
Table IV. Register Layout
Address
Default
(hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(hex)
Comments
0
SPI
Software
0
× 00
Read/Write
LSB First
Reset
1
Power-
Power-
Power-
Power-
Power-
Power-
Power-
Power-
0
× 00
Read/Write
Down
Down
Down
Down
Down
Down
Down
Down
PWR DN
Regulator
PLL-B
PLL-A
DAC
Interpolator
Rx
ADC and
Rx LPF and
Pin Low
Reference
FPGA
CPGA
2
Power-
Power-
Power-
Power-
Power-
Power-
Power-
Power-
0
× 9F
Read/Write
Down
Down
Down
Down
Down
Down
Down
Down
PWR DN
Regulator
PLL-B
PLL-A
DAC
Interpolator
Rx
ADC and
Rx LPF and
Pin High
Reference
FPGA
CPGA
3Tx Port
ADC Clock
PLL-B
PLL-B
PLL-A
0
× 02
Read/Write
Negative
Source
(
×M) Multiplier
( N) Divider
(
×M) Multiplier
EdgePLL-B/2
<5:4>
<3:3>
<1:0>
Sampling
4Rx Port
Rx LPF
Rx Path
Rx Digital Fast ADC
Wideband
Enable
Rx LPF
0
× 01
Read/Write
Negative
Tuning
DC Offset
HPF
Sampling
Rx LPF
1-Pole
Bypass
Edge
In Progress
Correction Bypass
Rx LPF
Sampling
(Read-Only)
5Rx LPF fc Adjust <7:0>
0
× 80
Read/Write
6
PGA
Rx Path Gain Adjust <4:0>
0
× 00
Read/Write
Gain Set
by Register
7Interpolation Filter Select
Power-Down
Tx Port
Tx Port
0
× 00
Read/Write
<3:0>
Interpolator
LS Nibble
Demultiplexer
at
First
Bypass
Tx QUIET
Pin Low
8
Invert
Invert
Disable
Disable
Three-State
Rx Port
Rx Port
0
× 00
Read/Write
CLK-B
CLK-A
CLK-B
CLK-A
Rx Port
LS Nibble
Multiplexer
First
Bypass
FDie Revision Number <3:0>
Read- Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com