Electronic Components Datasheet Search
  English  ▼

X  

LTC6260 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6260
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6260 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6260 Datasheet HTML 3Page - Analog Devices LTC6260 Datasheet HTML 4Page - Analog Devices LTC6260 Datasheet HTML 5Page - Analog Devices LTC6260 Datasheet HTML 6Page - Analog Devices LTC6260 Datasheet HTML 7Page - Analog Devices LTC6260 Datasheet HTML 8Page - Analog Devices LTC6260 Datasheet HTML 9Page - Analog Devices LTC6260 Datasheet HTML 10Page - Analog Devices LTC6260 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
7
For more information www.linear.com/LTC6258
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Drift Distribution
VOS vs Supply Voltage (25°C)
VOS vs Common Mode
Voltage
VOS vs IOUT
Input Bias Current vs Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
Input VOS Histogram
Input VOS Histogram
VOS vs Temperature
VS = ±2.5V
VCM = 0V
VOS (µV)
–350 –250 –150 –50
50
150 250 350
0
10
20
30
40
50
60
70
80
90
100
6258 G01
VS = ±2.5V
VCM = 2.2V
VOS (µV)
–350 –250 –150 –50
50
150 250 350
0
10
20
30
40
50
60
70
80
90
100
6258 G02
VS = ±2.5V
VCM = 0V
TEMPERATURE (°C)
–40 –25 –10 5 20 35 50 65 80 95 110 125
–500
–400
–300
–200
–100
0
100
200
300
400
500
6258 G03
VS = ±2.5V
VCM=0V
HGRADE
IND
DISTRIBUTION (µV/°C)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
11
6258 G04
VCM = 0.4V
SUPPLY VOLTAGE (V)
1.8
2.4
3.0
3.6
4.2
4.8
5.4
–200
–160
–120
–80
–40
0
40
80
120
160
200
6258 G05
VS = 5V
VCM (V)
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
–500
–400
–300
–200
–100
0
100
200
300
400
500
6258 G06
VS = ±2.5V
VCM = 0V
–40°C
25°C
125°C
IOUT (mA)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–1
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
6258 G07
VS = 5V
+IN
–IN
VCM (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
–20
–16
–12
–8
–4
0
4
8
12
16
20
6258 G08
VS = 1.8V
+IN
–IN
VCM (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
–20
–16
–12
–8
–4
0
4
8
12
16
20
6258 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com