Electronic Components Datasheet Search
  English  ▼

X  

LTC6260 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6260
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6260 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6260 Datasheet HTML 7Page - Analog Devices LTC6260 Datasheet HTML 8Page - Analog Devices LTC6260 Datasheet HTML 9Page - Analog Devices LTC6260 Datasheet HTML 10Page - Analog Devices LTC6260 Datasheet HTML 11Page - Analog Devices LTC6260 Datasheet HTML 12Page - Analog Devices LTC6260 Datasheet HTML 13Page - Analog Devices LTC6260 Datasheet HTML 14Page - Analog Devices LTC6260 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
11
For more information www.linear.com/LTC6258
PIN FUNCTIONS
–IN: Inverting Input of the Amplifier. Voltage range of this
pin can go from V– – 0.1V to V+ + 0.1V.
+IN: Noninverting Input of Amplifier. This pin has the same
voltage range as –IN.
V+: Positive Power Supply. Typically the voltage is from
1.8V to 5.25V. Split supplies are possible as long as the
voltage between V+ and V– is between 1.8V and 5.25V. A
bypass capacitor of 0.1µF as close to the part as possible
should be used between power supply pins or between
supply pins and ground.
V–: Negative Power Supply. It is normally tied to ground.
It can also be tied to a voltage other than ground as long
as the voltage between V+ and V– is from 1.8V to 5.25V.
If it is not connected to ground, bypass it with a capacitor
of 0.1µF as close to the part as possible.
SHDN: Active Low Shutdown. Shutdown threshold is 0.6V
above negative rail. If left unconnected, the amplifier will
be on.
OUT:AmplifierOutput.Rail-torailamplifieroutputcapable
of delivering 4mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com