Electronic Components Datasheet Search
  English  ▼

X  

DG418LE Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG418LE
Description  6 Ω On-Resistance, 12 V / ± 5 V / 5 V / 3 V, SPST and SPDT Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418LE Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG418LE Datasheet HTML 7Page - Vishay Siliconix DG418LE Datasheet HTML 8Page - Vishay Siliconix DG418LE Datasheet HTML 9Page - Vishay Siliconix DG418LE Datasheet HTML 10Page - Vishay Siliconix DG418LE Datasheet HTML 11Page - Vishay Siliconix DG418LE Datasheet HTML 12Page - Vishay Siliconix DG418LE Datasheet HTML 13Page - Vishay Siliconix DG418LE Datasheet HTML 14Page - Vishay Siliconix DG418LE Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DG417LE, DG418LE, DG419LE
www.vishay.com
Vishay Siliconix
S18-0271-Rev. B, 12-Mar-18
13
Document Number: 76432
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 4 - Transition Time (DG419LE)
Fig. 5 - Charge Injection
Fig. 6 - Crosstalk (DG419LE)
CL (includes fixture and stray capacitance)
VL
RL
RL + RON
VO = VS
V-
V+
IN
CL
35 pF
RL
300
Ω
VO
VS2
VS1
V-
GND
+ 15 V
+ 5 V
50 %
Logic
Input
Switch
Output
VS1
tr < 5 ns
tf < 5 ns
10 %
tTRANS
90 %
V01
VS2
V02
tTRANS
NO or NC
COM
NC or NO
VINH
VINL
CL
1 nF
Rg
VO
V+
COM
V-
IN
VL
Vg
GND
OFF
ON
OFF
VO
V
O
IN
IN dependent on switch configuration input polarity determined
by sense of switch.
V-
V+
VL
VIN = 0 - V+
Q =
V
O x CL
NO or NC
NO or NC
XTALK Isolation = 20 log
VOUT
VIN
C = RF bypass
COM
VS
0 V or 2.4 V
IN
50
Rg = 50
VL
V +
GND
V -
C
CC
V +
V-
VL
VIN
NC or NO
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com