Electronic Components Datasheet Search
  English  ▼

X  

DG418LE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG418LE
Description  6 Ω On-Resistance, 12 V / ± 5 V / 5 V / 3 V, SPST and SPDT Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418LE Datasheet(HTML) 2 Page - Vishay Siliconix

  DG418LE Datasheet HTML 1Page - Vishay Siliconix DG418LE Datasheet HTML 2Page - Vishay Siliconix DG418LE Datasheet HTML 3Page - Vishay Siliconix DG418LE Datasheet HTML 4Page - Vishay Siliconix DG418LE Datasheet HTML 5Page - Vishay Siliconix DG418LE Datasheet HTML 6Page - Vishay Siliconix DG418LE Datasheet HTML 7Page - Vishay Siliconix DG418LE Datasheet HTML 8Page - Vishay Siliconix DG418LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DG417LE, DG418LE, DG419LE
www.vishay.com
Vishay Siliconix
S18-0271-Rev. B, 12-Mar-18
2
Document Number: 76432
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on NC, NO, COM, or IN exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current
ratings
b. All leads welded or soldered to PC board
c. Derate 6.5 mW/°C above 25 °C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
V+ to V-
-0.3 to +18
V
GND to V-
18
VL
(GND - 0.3) to (V+) + 0.3
IN, COM, NC, NO a
-0.3 to (V+ + 0.3) or 30 mA,
whichever occurs first
Continuous current (any terminal)
30
mA
Peak current, S or D (pulsed 1 ms, 10 % duty cycle)
100
Storage temperature
(DQ, DY suffix)
-65 to +150
°C
Power dissipation (packages) b
8-pin MSOP c
320
mW
8-pin SOIC c
400
ESD / HBM
EIA / JESD22-A114-A
2K
V
ESD / CDM
EIA / JESD22-C101-A
750
Latch up
JESD78
300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com