Electronic Components Datasheet Search
  English  ▼

X  

DG2020 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2020
Description  Low-Voltage Single Asymmetrical SPDT Analog Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2020 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2020 Datasheet HTML 1Page - Vishay Siliconix DG2020 Datasheet HTML 2Page - Vishay Siliconix DG2020 Datasheet HTML 3Page - Vishay Siliconix DG2020 Datasheet HTML 4Page - Vishay Siliconix DG2020 Datasheet HTML 5Page - Vishay Siliconix DG2020 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DG2020
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71676
S-04456—Rev. A, 03-Aug-01
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
TSOP-6c
570 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by inter-
nal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 7.0 mW/
_C above 25_C
SPECIFICATIONS (V+ = 3 V)
Test Conditions
Otherwise Unless Specified
Limits
–40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, VIN = 0.4 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
rON(NO)
Room
Full
1.4
1.5
2.0
2.1
On-Resistance
rON(NC)
V+ = 2.7 V, VCOM = 1.5 V, INO, INC = 100 mA
Room
Full
2.2
2.3
3.2
3.3
W
rON Flatnessd
rON(NO)
Flatness
V+ = 2.7 V
VCOM = 0 to V+, INO, INC = 100 mA
Room
0.42
INO(off),
INC(off)
V+ = 3.3 V, VNO, VNC = 1 V/3 V
Room
Full
–2.3
–60
2.3
60
Switch Off Leakage Currentf
ICOM(off)
V+ = 3.3 V, VNO, VNC = 1 V/3 V
VCOM = 3 V/1 V
Room
Full
–2.3
–60
2.3
60
nA
Channel-On Leakage Currentf
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
–2.3
–60
2.3
60
Digital Control
Input High Voltage
VINH
Full
2
Input Low Voltage
VINL
Full
0.4
V
Input Capacitance
Cin
Full
3.7
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
mA
Dynamic Characteristics
tON(NO)
Room
Full
6
10
11
Turn-On Time
tON(NC)
W
Room
Full
5
7
8
tOFF(NO)
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Room
Full
2
5
5.5
ms
Turn-Off Time
tOFF(NC)
Room
Full
2
4
4.5
Break-Before-Make Time
td
VNO or VNC = 2.0 V, RL = 300 W, CL = 35 pF
Full
1
3
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
Room
1
pC
Off-Isolationd
OIRR
W
Room
–52
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–53
dB
CNO(off)
Room
75
NO, NC Off Capacitanced
CNC(off)
Room
34
CNO(on)
VIN = 0 or V+, f = 1 MHz
Room
88
pF
Channel-On Capacitanced
CNC(on)
Room
95
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Current
I+
Full
0.2
1.0
mA
Power Consumption
PC
VIN = 0 or V+
Full
3.3
mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com