Electronic Components Datasheet Search
  English  ▼

X  

DG2020 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG2020
Description  Low-Voltage Single Asymmetrical SPDT Analog Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2020 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG2020 Datasheet HTML 1Page - Vishay Siliconix DG2020 Datasheet HTML 2Page - Vishay Siliconix DG2020 Datasheet HTML 3Page - Vishay Siliconix DG2020 Datasheet HTML 4Page - Vishay Siliconix DG2020 Datasheet HTML 5Page - Vishay Siliconix DG2020 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DG2020
Vishay Siliconix
New Product
Document Number: 71676
S-04456—Rev. A, 03-Aug-01
www.vishay.com
3
SPECIFICATIONS (V+ = 5 V)
Test Conditions
Otherwise Unless Specified
Limits
–40 to 85
_C
Parameter
Symbol
V+ = 5 V,
"10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
rON(NO)
Room
Full
0.8
0.9
1.1
1.2
On-Resistance
rON(NC)
V+ = 4.5 V, VCOM = 3 V, INO, INC = 100 mA
Room
Full
1.2
1.3
1.6
1.7
W
rON Flatnessd
rON(NO)
Flatness
V+ = 4.5 V, VCOM = 0 to V+, INO, INC = 100 mA
Room
0.13
INO(off),
INC(off)
V+ = 5.5 V
Room
Full
–5.3
–98
5.3
98
Switch Off Leakage Current
ICOM(off)
V+ = 5.5 V
VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V
Room
Full
–5.3
–98
5.3
98
nA
Channel-On Leakage Current
ICOM(on)
V+ = 5.5 V, VNO, VNC = VCOM = 1 V/4.5 V
Room
Full
–5.3
–98
5.3
98
Digital Control
Input High Voltage
VINH
Full
2.4
Input Low Voltage
VINL
Full
0.8
V
Input Capacitance
Cin
Full
3.5
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
mA
Dynamic Characteristics
tON(NO)
Room
Full
3
6
6.5
Turn-On Time
tON(NC)
W
Room
Full
2
5
5.5
tOFF(NO)
VNO or VNC = 3 V, RL = 300 W, CL = 35 pF
Room
Full
1
4
4.5
ms
Turn-Off Time
tOFF(NC)
Room
Full
1
3
3.5
Break-Before-Make Time
td
VNO or VNC = 3 V, RL = 300 W, CL = 35 pF
Full
0.3
1.5
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W
Room
5
pC
Off-Isolationd
OIRR
W
Room
–53
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–54
dB
CNO(off)
Room
65
Source-Off Capacitanced
CNC(off)
Room
32
CNO(on)
VIN = 0 or V+, f = 1 MHz
Room
90
pF
Channel-On Capacitanced
CNC(on)
Room
95
Power Supply
Power Supply Range
V+
4.5
5.5
V
Power Supply Current
I+
Full
0.2
1.0
mA
Power Consumption
PC
VIN = 0 or V+
Full
5.5
mW
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
Typical values are for design aid only, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Guaranteed by 5-V leakage testing, not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com