Electronic Components Datasheet Search
  English  ▼

X  

SIC769CD Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIC769CD Datasheet HTML 6Page - Vishay Siliconix SIC769CD Datasheet HTML 7Page - Vishay Siliconix SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix SIC769CD Datasheet HTML 10Page - Vishay Siliconix SIC769CD Datasheet HTML 11Page - Vishay Siliconix SIC769CD Datasheet HTML 12Page - Vishay Siliconix SIC769CD Datasheet HTML 13Page - Vishay Siliconix SIC769CD Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.vishay.com
10
Document Number: 64981
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
SiC769
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
PWM Rising Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
DSBL Rising Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.40
SMOD Falling Threshold (V) vs. Temperature (°C)
VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
ICIN + IDRV (mA) vs. Temperature at Frequency = 1 MHz
D = 10 %, VCIN = VDRV = 5 V
- 40 - 25 - 10
5
20
35
50
65
80
95 110 125 140
Temperature (°C)
0
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com