Electronic Components Datasheet Search
  English  ▼

X  

SIC769CD Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIC769CD
Description  Integrated DrMOS Power Stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC769CD Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIC769CD Datasheet HTML 8Page - Vishay Siliconix SIC769CD Datasheet HTML 9Page - Vishay Siliconix SIC769CD Datasheet HTML 10Page - Vishay Siliconix SIC769CD Datasheet HTML 11Page - Vishay Siliconix SIC769CD Datasheet HTML 12Page - Vishay Siliconix SIC769CD Datasheet HTML 13Page - Vishay Siliconix SIC769CD Datasheet HTML 14Page - Vishay Siliconix SIC769CD Datasheet HTML 15Page - Vishay Siliconix SIC769CD Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.vishay.com
12
Document Number: 64981
S11-0975-Rev. F, 16-May-11
Vishay Siliconix
SiC769
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
DSBL Falling Threshold vs. VCIN
SMOD Falling Threshold vs. VCIN
PWM Falling Threshold vs. VCIN
VCIN (V)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
VCIN (V)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
VCIN (V)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0.90
0.95
1.00
1.05
1.10
1.15
DSBL Rising Threshold vs. VCIN
SMOD Rising Threshold vs. VCIN
PWM Rising Threshold vs. VCIN
VCIN (V)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
VCIN (V)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
VCIN (V)
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
5.6
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com