Electronic Components Datasheet Search
  English  ▼

X  

SIP2204 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP2204
Description  Quad Channel Monolithic Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP2204 Datasheet HTML 1Page - Vishay Siliconix SIP2204 Datasheet HTML 2Page - Vishay Siliconix SIP2204 Datasheet HTML 3Page - Vishay Siliconix SIP2204 Datasheet HTML 4Page - Vishay Siliconix SIP2204 Datasheet HTML 5Page - Vishay Siliconix SIP2204 Datasheet HTML 6Page - Vishay Siliconix SIP2204 Datasheet HTML 7Page - Vishay Siliconix SIP2204 Datasheet HTML 8Page - Vishay Siliconix SIP2204 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SiP2204
www.vishay.com
Vishay Siliconix
S16-0878-Rev. B, 16-May-16
4
Document Number: 62619
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Guaranteed by design.
(2) Difference between the maximum and minimum PWM propagation delay among 4 channels.
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITION
UNLESS OTHERWISE SPECIFIED
VDRVX = VCIN = EN = 5 V, VINX = 15 V,
VINX - VZX = 5 V, no load,
PWM rise and fall time = 2 ns
TA = 25 °C for typical value
JUNCTION TEMPERATURE
-40 °C to +125 °C
unless otherwise specified
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Power Stage Input and
High-side Driver Supply Current
IVIN
EN = 0 V, PWMX = 0 V
-
-
1
μA
PWMX = 0 V
-
90
130
PWMX = 3.3 V (80k pull-up on high-side gate)
-
230
330
Fsw = 4 MHz,
D = 10 %, one channel
-
14
27.5
mA
Control Logic and Low-side
Driver Supply Current
IVCIN +
IVDRV
EN = 0 V, no switching, PWM = 0
-
-
1
μA
PWMX = 0 V (80k pull-down on low-side gate)
-
370
530
PWMX = 3.3 V
-
90
130
Fsw = 4 MHz,
D = 10 %, one channel
-5
8
mA
PWMx/EN LOGIC (ALSO SEE TIMING DIAGRAM BELOW FOR ILLUSTRATION)
PWMx/EN Rising Threshold
VTH_R
2.4
-
-
V
PWMx/EN Falling Threshold
VTH_F
--
0.8
PWMX Supply Current
IPWM
PWMX = 5 V
-
-
1
μA
EN Supply Current
IEN
REN = 1 M to AGND
--
8
PWM ON Time (1)
tPWM_ON
12
-
-
ns
PWM Rising Propagation Delay
tPD_R_PWM
From PWM rises to 1.7 V to SW rises to 1.5 V; 25 °C
8
15
22
From PWM rises to 1.7 V to SW rises to 1.5 V
-
-
25
PWM Falling Propagation Delay
tPD_F_PWM
From PWM falls to 1.7 V to SW falls to 1.5 V; 25 °C
7
18
26
From PWM falls to 1.7 V to SW falls to 1.5 V
-
-
30
PWM Propagation Delay
Matching (2)
tPD_M_PWM
From PWM rises to 1.7 V to SW rises to 1.5 V; 25 °C
-
0.4
0.75
From PWM rises to 1.7 V to SW rises to 1.5 V
-
-
1
EN Propagation Delay
tPD_EN
From EN rise to VCIN to SW start switching
-
5
-
μs
OUTPUT DRIVER
Low-side ON Resistance
RDS(on)_N
Isw = 0.1 A
-
0.35
0.56
High-side ON Resistance
RDS(on)_P
Isw = 0.1 A, VIN - VZ = 5 V
-
0.55
0.92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com