Electronic Components Datasheet Search
  English  ▼

X  

SIP2204 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIP2204
Description  Quad Channel Monolithic Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIP2204 Datasheet HTML 9Page - Vishay Siliconix SIP2204 Datasheet HTML 10Page - Vishay Siliconix SIP2204 Datasheet HTML 11Page - Vishay Siliconix SIP2204 Datasheet HTML 12Page - Vishay Siliconix SIP2204 Datasheet HTML 13Page - Vishay Siliconix SIP2204 Datasheet HTML 14Page - Vishay Siliconix SIP2204 Datasheet HTML 15Page - Vishay Siliconix SIP2204 Datasheet HTML 16Page - Vishay Siliconix SIP2204 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SiP2204
www.vishay.com
Vishay Siliconix
S16-0878-Rev. B, 16-May-16
14
Document Number: 62619
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DRAWING
Notes
(1) Use millimeters as the primary measurement
(2) Dimensioning and tolerances conform to ASME Y14.5M. - 1994
(3) N is the number of terminals,
Nd is the number of terminals in X-direction and
Ne is the number of terminals in Y-direction.
(4) Dimension b applies to plated terminal and is measured between 0.15 mm and 0.30 mm from terminal tip
(5) The pin #1 identifier must be existed on the top surface of the package by using indentation mark or other feature of package body
(6) Package warpage max. 0.05 mm
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62619.
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
0.85
0.95
0.029
0.033
0.037
A1
0.00
-
0.05
0.000
-
0.002
A3
0.20 ref.
0.008 ref.
b
0.18
0.25
0.30
0.007
0.010
0.012
D
5.00 BSC
0.197 BSC
D2
3.00
3.10
3.20
0.118
0.122
0.126
e
0.50 BSC
0.020 BSC
E
5.00 BSC
0.197 BSC
E2
3.00
3.10
3.20
0.118
0.122
0.126
K
0.20
-
-
0.008
-
-
L
0.30
0.40
0.50
0.012
0.016
0.020
N (3)
32
32
Nd (3)
88
Ne (3)
88
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9 10 11 1213 14 1516
32 31 30 29 28 27 26 25
A3
A1
D
E
Seating plane
b
e
C
Side view
Top view
Bottom view
Terminal Tip
(4)
D2
E2
K
L
Pin 1 location
indentifier
(5)
Pin 1 location
indentifier
(5)
B
0.1 M CA B
0.1 C
0.1 C
0.1 C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com