Electronic Components Datasheet Search
  English  ▼

X  

GSD2004WS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSD2004WS
Description  High-Voltage Small-Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSD2004WS Datasheet(HTML) 1 Page - Vishay Siliconix

  GSD2004WS Datasheet HTML 1Page - Vishay Siliconix GSD2004WS Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSD2004WS
Vishay Semiconductors
formerly General Semiconductor
Document Number 88202
www.vishay.com
14-May-02
1
New Product
High-Voltage Small-Signal Switching Diode
Maximum Ratings and Thermal Characteristics TA = 25°C unless otherwise noted
Parameter
Symbol
Value
Unit
Continuous Reverse Voltage
VR
240
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Peak Repetitive Reverse Current
IRRM
200
mA
Forward Current (continuous)
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Non-Repetitive Peak Forward Current at tp = 1
µs
IFSM
4.0
A
at tp = 1s
1.0
Power Dissipation
Ptot
200(1)
mW
Typical Thermal Resistance Junction to Ambiant Air
R
ΘJA
650(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
Note: (1) Device on Fiberglass Substrate, see layout on second page
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Features
• Silicon Epitaxial Planar Diode
• Fast switching diode,especially suited for
applications requiring high voltage capability
SOD-323
Mechanical Data
Case: SOD-323 Plastic Package
Weight: approx. 0.004g
Marking Code: B6
Packaging Codes/Options:
D5/10K per 13” reel (8mm tape), 30K/box
D6/3K per 7” reel (8mm tape), 30K/box
Dimensions in inches
and (millimeters)
Mounting Pad Layout
0.055
(1.40)
0.062
(1.60)


Similar Part No. - GSD2004WS

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
GSD2004WS SUNMATE-GSD2004WS Datasheet
677Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
GSD2004WS VISHAY-GSD2004WS Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004WS VISHAY-GSD2004WS Datasheet
88Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004WS-E3-08 VISHAY-GSD2004WS-E3-08 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004WS-E3-18 VISHAY-GSD2004WS-E3-18 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
More results

Similar Description - GSD2004WS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY80 VISHAY-BAY80_08 Datasheet
121Kb / 5P
Small Signal Switching Diode, High Voltage
19-Feb-07
BAY135 VISHAY-BAY135_08 Datasheet
113Kb / 4P
Small Signal Switching Diode, High Voltage
19-Feb-07
GSD2004W-V VISHAY-GSD2004W-V Datasheet
82Kb / 4P
Small Signal Switching Diode, High Voltage
03-Jan-06
GSD2004W-V VISHAY-GSD2004W-V_12 Datasheet
57Kb / 3P
Small Signal Switching Diode, High Voltage
12-Aug-10
BAY80 VISHAY-BAY80_12 Datasheet
79Kb / 4P
Small Signal Switching Diode, High Voltage
16-Jul-12
GSD2004W-G VISHAY-GSD2004W-G Datasheet
81Kb / 3P
Small Signal Switching Diode, High Voltage
13-May-13
GSD2004WS VISHAY-GSD2004WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
GSD2004W VISHAY-GSD2004W Datasheet
95Kb / 3P
Small Signal Switching Diode, High Voltage
22-Feb-18
BAY80 VISHAY-BAY80_V01 Datasheet
81Kb / 4P
Small Signal Switching Diode, High Voltage
06-May-13
GSD2004WS-G VISHAY-GSD2004WS-G_V01 Datasheet
90Kb / 4P
Small Signal Switching Diode, High Voltage
14-Jul-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com