Electronic Components Datasheet Search
  English  ▼

X  

RBA1 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # RBA1
Description  1 Watt Single Output DC/DC DIP & SIP Mount Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA1 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  RBA1 Datasheet HTML 1Page - Wall Industries,Inc. RBA1 Datasheet HTML 2Page - Wall Industries,Inc. RBA1 Datasheet HTML 3Page - Wall Industries,Inc. RBA1 Datasheet HTML 4Page - Wall Industries,Inc. RBA1 Datasheet HTML 5Page - Wall Industries,Inc. RBA1 Datasheet HTML 6Page - Wall Industries,Inc. RBA1 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev A
RBA1 SERIES
1 Watt
Single Output
DC/DC DIP & SIP Mount Converter
11/14/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
@Full Load
See Table
Switching Frequency
Full Load, Nominal Input Voltage
100
KHz
Isolation Voltage
Input-Output, test time of 1 minute, leak current less than 1mA
1500
VDC
Isolation Resistance
Input-Output, Isolation Voltage 500VDC
100
M
Ω
Isolation Capacitance
Input-Output, 100KHz/0.1V
20
pF
PHYSICAL SPECIFICATIONS
Weight
SIP Package
0.046oz (1.3g)
DIP Package
0.063oz (1.8g)
Dimensions (L x W x H)
SIP Package
0.46in x 0.24in x 0.4in
(11.60mm x 6mm x 10.16mm)
DIP Package
0.5in x 0.4in x 0.32in
(12.70mm x 10.16mm x 8.20mm)
Case Material
Black Flame-Retardant Heat-Proof Epoxy
Resin (UL94-V0)
Cooling
Free Air Convection
SAFETY CHARACTERISTICS
Safety Approvals
EN60950, UL60950
EMI
CE
CISPR22/EN55022(3)
Class B
RE
CISPR22/EN55022(3)
Class B
EMS
ESD
IEC/EN61000-4-2
Contact ±8kV
Perf. Criteria B
NOTES
1.
Ripple & noise are measured by “parallel cable” method.
2.
Supply voltage must be discontinued at the end of short circuit duration for all these models.
3.
See Design Reference for recommended circuit.
4.
If product is not operated within required load range, product performance cannot be guaranteed to comply with all parameters in datasheet.
5.
Performance parameters of the product models listed in this data sheet are as above, but some parameters of non-standard model products may
exceed the requirements mentioned above. Contact factory for more information.
6.
Product customization available
*Due to advances in technology, specifications subject to change without notice.
DERATING CURVE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com