Electronic Components Datasheet Search
  English  ▼

X  

RBA1 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # RBA1
Description  1 Watt Single Output DC/DC DIP & SIP Mount Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA1 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  RBA1 Datasheet HTML 1Page - Wall Industries,Inc. RBA1 Datasheet HTML 2Page - Wall Industries,Inc. RBA1 Datasheet HTML 3Page - Wall Industries,Inc. RBA1 Datasheet HTML 4Page - Wall Industries,Inc. RBA1 Datasheet HTML 5Page - Wall Industries,Inc. RBA1 Datasheet HTML 6Page - Wall Industries,Inc. RBA1 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev A
RBA1 SERIES
1 Watt
Single Output
DC/DC DIP & SIP Mount Converter
11/14/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
DESIGN REFERENCE
1. Typical Application Circuit
If it is required to further reduce input and output ripple, a filter capacitor may be connected to the input and output terminals. Moreover,
choosing a suitable filter capacitor is very important, start-up problems may arise if capacitance is too large. Under the condition of safe
and reliable operation, recommended capacitive load values are shown in table below.
Fig 1
Recommended Capacitive Load Value Table
Vin (VDC)
Cin (µF)
Vo (VDC)
Cout (µF)
3.3/5
4.7
3.3/5
10
12
2.2
9
4.7
15
2.2
12
2.2
24
1
15
1
-
-
24
0.47
2. EMC Solution-Recommended Circuit
Fig 2
Input Voltage (VDC)
3.3/5/12/15/24
EMI
C1
4.7µF/50V
C2
Refer to the Cout Fig 1
LDM
6.8µH
3.Output Load Requirements
In order to ensure the converter works reliably with high efficiency, the minimum load should not be less than 10% rated load when it is
used. If the needed power is small, please parallel a resistor on the output side (the sum of the efficient power and resistor consumption
power is not less than 10%)
MODEL NUMBER SETUP
RBA
1
-
05
05
S
Series Name
Output Power
Input Voltage
Ouptut Voltage
Package Type
03: 3.3VDC
03: 3.3VDC
S: SIP Package
05: 5VDC
05: 5VDC
D: DIP Package
12: 12VDC
09: 9VDC
15: 15VDC
12: 12VDC
24: 24VDC
15: 15VDC
24: 24VDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com