Electronic Components Datasheet Search
  English  ▼

X  

LTC1923 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1923
Description  High Efficiency Thermoelectric Cooler Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1923 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1923 Datasheet HTML 5Page - Linear Technology LTC1923 Datasheet HTML 6Page - Linear Technology LTC1923 Datasheet HTML 7Page - Linear Technology LTC1923 Datasheet HTML 8Page - Linear Technology LTC1923 Datasheet HTML 9Page - Linear Technology LTC1923 Datasheet HTML 10Page - Linear Technology LTC1923 Datasheet HTML 11Page - Linear Technology LTC1923 Datasheet HTML 12Page - Linear Technology LTC1923 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1923
1923f
PI FU CTIO S
NDRVA, NDRVB (Pins 21, 24/Pins 19, 23): These push-
pull outputs are configured to drive the opposite low side
switches in a full-bridge arrangement.
PGND (Pin 22/Pin 20): This is the high current ground for
the IC. The external current sense resistor should be
referenced to this point.
VDD (Pin 23/Pins 21, 22): Positive Supply Rail for the IC.
Bypass this pin to PGND and AGND with > 10
µF low ESL,
ESR ceramic capacitors. The turn on voltage level for VDD
is 2.6V with 130mV of hysteresis.
VREF (Pin 26/Pin 27): This is the output of the Reference.
This pin should be bypassed to GND with a 1
µF ceramic
capacitor. The reference is able to supply a minimum of
10mA of current and is internally short-circuit current
limited.
CT (Pin 27/Pin 28): The triangular wave oscillator timing
capacitor pin is used in conjunction with RT to set the
oscillator frequency. The equation for calculating fre-
quency is:
f
RC
Hz
OSC
TT
=
075
.
RT (Pin 28/Pin 29): A single resistor from RT to AGND sets
the charging and discharging currents for the triangle
oscillator. This pin also sets the dead time between turning
one set of outputs off and turning the other set on to ensure
the outputs do not cross conduct. The voltage on this pin
is regulated to 0.5V. For best performance, the current
sourced from the RT pin should be limited to a maximum
150
µA. Selecting RT to be 10k is recommended and
provides 90ns of dead time.
VTEC (Pin 14/Pin 12): Output of the differential TEC voltage
amplifier equal to the magnitude of the voltage across
the TEC.
TEC(Pin 15/Pin 13): Inverting Input to the Differential TEC
Voltage Amplifier. This amplifier has a fixed gain of 1 with its
output being the voltage across the TEC with respect to
AGND. This input, along with TEC+, signifies whether the
TEC is heating or cooling the laser as indicated by the
H/C pin.
TEC+ (Pin 16/Pin 14): Noninverting Input to the Differen-
tial TEC Voltage Amplifier.
ITEC (Pin 17/Pin 15): Output of the Differential Current
Sense Amplifier. The voltage on this pin is equal to 10 •
(ITEC + IRIPPLE) • RS, where ITEC is the thermoelectric
cooler current, IRIPPLE is the inductor ripple current and RS
is the sense resistor used to sense this current. This
voltage represents only the magnitude of the current and
provides no direction information. Current limit occurs
when the voltage on this pin exceeds the lesser of 1.5
times the voltage on SS, 1.5 times the voltage on ILIM or
1.5V. When this condition is present, the pair of outputs,
which are presently conducting, are immediately turned
off. The current limit condition is cleared when the CT pin
reaches the next corresponding peak or valley (see Cur-
rent Limit section).
CS (Pin 18/Pin 16): Inverting Input to the Differential
Current Sense Amplifier.
CS+ (Pin 19/Pin 17): Noninverting Input of the Differential
Current Sense Amplifier. The amplifier has a fixed gain
of 10.
PDRVA, PDRVB (Pins 20, 25/Pins 18, 24): These push-
pull outputs are configured to drive the opposite high side
PMOS switches in a full-bridge arrangement.
(GN Package/UH Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com