Electronic Components Datasheet Search
  English  ▼

X  

MM5Z2V4B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM5Z2V4B
Description  SMD Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM5Z2V4B Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM5Z2V4B Datasheet HTML 1Page - Diotec Semiconductor MM5Z2V4B Datasheet HTML 2Page - Diotec Semiconductor MM5Z2V4B Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MM5Z2V2B ... MM5Z39B
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Code
Zener voltage 1)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 25°C
MM5Z...
Vzmin [V]
Vzmax [V]
IZ = 5 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
2V4B
RN
2.3
2.65
< 100
-8...-5
1
120
75
2V7B
RP
2.65
2.95
< 110
-8...-5
1
120
68
3V0B
RR
2.95
3.25
< 120
-8...-5
1
50
62
3V3B
RX
3.25
3.55
< 120
-8...-5
1
20
56
3V6B
RY
3.6
3.845
< 100
-8...-5
1
10
52
3V9B
JY
3.89
4.16
< 100
-8...-5
1
5
48
4V3B
JZ
4.17
4.43
< 100
-7...-4
1
5
45
4V7B
KA
4.55
4.75
< 100
-5...-2
1
2
42
5V1B
KB
4.98
5.2
< 80
-2...+2
1.5
2
38
5V6B
KC
5.49
5.73
< 60
-1...+4
2.5
1
35
6V2B
KD
6.06
6.33
< 60
+2...+5
3.0
1
32
6V8B
KE
6.65
6.93
< 40
+3...+6
3.5
0.5
29
7V5B
KF
7.28
7.6
< 30
+3...+6
4.0
0.5
26
8V2B
KH
8.02
8.36
< 30
+4...+7
5.0
0.5
24
9V1B
KJ
8.85
9.23
< 30
+4...+7
6.0
0.5
22
10B
KK
9.77
10.21
< 30
+5...+8
7.0
0.1
20
11B
KM
10.76
11.22
< 30
+5...+8
8.0
0.1
18
12B
KN
11.74
12.24
< 30
+5...+8
9.0
0.1
16
13B
KP
12.91
13.49
< 37
+6...+9
10
0.1
15
15B
KR
14.34
14.98
< 42
+6...+9
11
0.1
13
16B
KX
15.85
16.51
< 50
+6...+9
12
0.1
12
18B
KY
17.56
18.35
< 65
+6...+9
13
0.1
11
20B
KZ
19.52
20.39
< 85
+6...+9
15
0.1
10
22B
RZ
21.54
22.47
< 100
+7...+10
17
0.1
9
24B
XA
23.72
24.78
< 120
+7...+10
19
0.1
8
27B
XB
26.19
27.53
< 150
+7...+10
21
0.1
7
30B
XC
29.19
30.69
< 200
+7...+10
23
0.1
7
33B
XD
32.15
33.79
< 250
+7...+10
25
0.1
6
36B
XE
35.07
36.87
< 300
+7...+10
27
0.1
5
39B
XF
37
41
< 100
+7...+10
30
2
5
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com