Electronic Components Datasheet Search
  English  ▼

X  

MM5Z2V4B Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # MM5Z2V4B
Description  SMD Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM5Z2V4B Datasheet(HTML) 3 Page - Diotec Semiconductor

  MM5Z2V4B Datasheet HTML 1Page - Diotec Semiconductor MM5Z2V4B Datasheet HTML 2Page - Diotec Semiconductor MM5Z2V4B Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MM5Z2V2B ... MM5Z39B
1
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Refer to first page for definition of Ptot
Definition von Ptot siehe erste Seite
© Diotec Semiconductor AG
http://www.diotec.com/
3
120
100
80
60
40
20
0
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
5
15
0
10
I
Z
Zener Voltage vs. Zener current Abbruchspannung über Zenerstrom
–
2,7
3,0
3,3
3,6
3,9
4,3
4,7
5,1
5,6
6,2
6,8
7,5
8,2
9,1
10
I = 5 mA
Z
2,4
18
24
30
36
43
47
T = 25°C
j
I
Zmax
Zener voltage vs Zener current Abbruchspannung über Zenerstrom
–
10
[pF]
[V]
C
j
V
Z
T = 25°C
f = 1.0 MHz
j
V = 1V
R
V = 2V
R
Junction capacitance vs. zener voltage (typical)
Sperrschichtkapazität in Abh. v.d. Zenerspg. (typ.)
V = 2V
R
V = 1V
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com