Electronic Components Datasheet Search
  English  ▼

X  

DCBOB3 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCBOB3
Description  Up to 3 Watts, DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBOB3 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCBOB3 Datasheet HTML 1Page - Wall Industries,Inc. DCBOB3 Datasheet HTML 2Page - Wall Industries,Inc. DCBOB3 Datasheet HTML 3Page - Wall Industries,Inc. DCBOB3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev A
DCBOB3 SERIES
Up to 3 Watts, DC/DC Power Converters
07/24/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size:
Weight:
1.25 x 0.80 x 0.40 inches
0.61oz (17.2g)
31.75 x 20.32 x 10.16 mm
Applications
• Battery Powered Equipment
• Telecommunication Applications
• Industrial Applications
• Distributed Power Systems
• Process Control Equipment
• Transportation Equipment
FEATURES
• Single & Dual Outputs
• Up to 3 Watts Output Power
• Remote On/Off Control
• 3000VDC I/O Isolation
• High Efficiency up to 80%
• Lead Free Design, RoHS Compliant
• IEC/EN60950-1 Safety Approvals
• 4:1 Input Voltage Ranges: 9-36VDC and 18-75VDC
• Shielded Metal Case with Insulated Base-plate
• -40°C to +85°C Operating Temperature Range
• 24-Pin DIP Package with Industry-Standard Footprint
• Short Circuit, Over Voltage, and Over Load Protection
• Free Air Convection
• Custom Designs Available
DESCRIPTION
The DCBOB3 series of isolated DC/DC power converters provides up to 3 Watts of
continuous output power in an industry standard 1.25” x 0.80” x 0.40” shielded metal case.
This series consists of single and dual output models with 4:1 input voltage ranges of 9-
36VDC and 18-75VDC. Some features include high efficiency up to 80%, 3000VDC I/O
isolation, remote on/off control, and -40°C to +85°C operating temperature range. The
DCBOB3 series is RoHS compliant and has short circuit, over load, and over voltage
protection. These converters are best suited for use in battery powered equipment, industrial
applications, process control equipment, distributed power systems, and anywhere where
isolated, tightly regulated voltages and compact size are required.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
(1)
Full Load
No Load
Full Load
DCBOB24S33-3H
24 VDC
(9 – 36
VDC)
3.3 VDC
22mA
750mA
5mA
143mA
2.5W
76%
470µF
DCBOB24S05-3H
5 VDC
10mA
600mA
4mA
169mA
3W
78%
330µF
DCBOB24S12-3H
12 VDC
0mA
250mA
9mA
164mA
3W
80%
147µF
DCBOB24S15-3H
15 VDC
0mA
200mA
10mA
14mA
3W
80%
82µF
DCBOB48S33-3H
48 VDC
(18 – 75
VDC)
3.3 VDC
11mA
750mA
3mA
72mA
2.5W
76%
470µF
DCBOB48S05-3H
5 VDC
10mA
600mA
2mA
84mA
3W
78%
330µF
DCBOB48S12-3H
12 VDC
0mA
250mA
5mA
83mA
3W
79%
100µF
DCBOB48S15-3H
15 VDC
0mA
200mA
6mA
82mA
3W
80%
68µF
DUAL OUTPUT MODELS
Model Number
Input
Voltage
Output
Voltage
Output Current
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Full Load
No Load
Full Load
DCBOB24D05-3H
24 VDC
(9 – 36
VDC)
±5 VDC
0mA
±300mA
8mA
167mA
3W
79%
±168µF
DCBOB24D12-3H
±12 VDC
0mA
±125mA
14mA
164mA
3W
80%
±47µF
DCBOB24D15-3H
±15 VDC
0mA
±100mA
16mA
164mA
3W
80%
±33µF
DCBOB48D05-3H
48 VDC
(18 – 75
VDC)
±5 VDC
0mA
±300mA
5mA
84mA
3W
78%
±168µF
DCBOB48D12-3H
±12 VDC
0mA
±125mA
8mA
83mA
3W
79%
±33µF
DCBOB48D15-3H
±15 VDC
0mA
±100mA
9mA
86mA
3W
77%
±33µF


Similar Part No. - DCBOB3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB24D05-5H WALL-DCBOB24D05-5H Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBOB24D05-5H WALL-DCBOB24D05-5H Datasheet
383Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBOB24D12-5H WALL-DCBOB24D12-5H Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBOB24D12-5H WALL-DCBOB24D12-5H Datasheet
383Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBOB24D15-5H WALL-DCBOB24D15-5H Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
More results

Similar Description - DCBOB3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCBOB5 WALL-DCBOB5 Datasheet
512Kb / 4P
Up to 6 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12 Datasheet
685Kb / 4P
Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10 Datasheet
158Kb / 5P
Up to 10 Watts, Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10 Datasheet
165Kb / 5P
Up to 10 Watts, Medical DC/DC Power Converters
DCMPPW10 WALL-DCMPPW10 Datasheet
159Kb / 5P
Up to 10 Watts, Medical DC/DC Power Converters
DCBOB5 WALL-DCBOB5_16 Datasheet
383Kb / 4P
Up to 6 Watts, DC/DC Power Converters
CBW WALL-CBW Datasheet
6Mb / 34P
Up to 30 Watts, DC/DC Power Converters
DCBUB12 WALL-DCBUB12_16 Datasheet
437Kb / 4P
Up to 12 Watts DC/DC Power Converters
DCMOP10 WALL-DCMOP10_18 Datasheet
321Kb / 5P
Up to 10 Watts Medical DC/DC Power Converters
DCMPP10 WALL-DCMPP10_18 Datasheet
363Kb / 5P
Up to 10 Watts Medical DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com