Electronic Components Datasheet Search
  English  ▼

X  

DCBOB3 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DCBOB3
Description  Up to 3 Watts, DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBOB3 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DCBOB3 Datasheet HTML 1Page - Wall Industries,Inc. DCBOB3 Datasheet HTML 2Page - Wall Industries,Inc. DCBOB3 Datasheet HTML 3Page - Wall Industries,Inc. DCBOB3 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev A
DCBOB3 SERIES
Up to 3 Watts, DC/DC Power Converters
07/24/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
NOTES
1. Output current under this value will not damage these devices; however, they may not meet all listed specifications.
Due to advances in technology, specifications subject to change without notice.
DERATING CURVES
DCBOB3 Series Derating Curve
EFFICIENCY CURVES
DCBOB48S05-3H Efficiency vs Input Voltage
DCBOB48S05-3H Efficiency vs Output Current
CHARACTERISTIC CURVES
Transient Response at 50%~100% Max Load
Loop Gain & Phase at Vin=48VDC, Full Load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com