Electronic Components Datasheet Search
  English  ▼

X  

DCMSAU2 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMSAU2
Description  2 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSAU2 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMSAU2 Datasheet HTML 1Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 2Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 3Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 4Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
DCMSAU2 SERIES
2 Watt DC/DC Power Converters
10/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Single Output Models
Size: 0.50 x 0.37 x 0.35 inches (12.7 x 9.3 x 8.9 mm)
Dual Output Models
Size: 0.60 x 0.37 x 0.35 inches (15.3 x 9.3 x 8.9 mm)
FEATURES
• Up to 2 Watts Output Power
• Single & Dual Outputs
• 1000VDC I/O Isolation
• High Accuracy of Pin Planarity
• MTBF > 2,000,000 Hours
• -40°C to +85°C Operating Temperature
• SMT Package with Industry Standard Pin-out
• Qualified for Lead-free Reflow Solder Processes
According to IPC/JEDEC J-STD-020D
• Tape & Reel Packaging Available
DESCRIPTION
The DCMSAU2 series of DC/DC converters provides 2 Watts of output power in a
miniature SMT package. These converters operate over input voltage ranges of
4.5~5.5VDC, 10.8~13.2VDC, and 21.6~26.4VDC. This series also has single and dual
output voltages of 5V, 12V, ±5V, ±12V, and ±15VDC. The DCMSAU2 series’ impressive
efficiencies enable these modules to deliver their fully rated output power from –40°C to
+80°C without a heatsink or forced-air cooling. The very small footprint of these
converters makes them an ideal solution for many applications where a voltage has to be
isolated such as for noise reduction, ground loop elimination in digital interfaces, or
where a converted voltage is required. These converters are also fully qualified for the
higher temperature profile used in lead-free reflow solder processes. These converters
can also be supplied in tape&reel packaging for use in automated SMD production lines.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive
Load
Min
Max
No Load
Max
Load
DCMSAU505-2
5 VDC
(4.5 – 5.5
VDC)
5 VDC
8mA
400mA
60mA
519mA
11%
2W
77%
47µF
DCMSAU512-2
12 VDC
3mA
165mA
488mA
11%
2W
81%
10µF
DCMSAU1205-2
12 VDC
(10.8 – 13.2
VDC)
5 VDC
8mA
400mA
30mA
213mA
8%
2W
78%
47µF
DCMSAU1212-2
12 VDC
3mA
165mA
201mA
6%
2W
82%
10µF
DCMSAU2405-2
24 VDC
(21.6 – 26.4
VDC)
5 VDC
8mA
400mA
15mA
106mA
8%
2W
78%
47µF
DCMSAU2412-2
12 VDC
3mA
165mA
101mA
5%
2W
81%
10µF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive
Load
Min
Max
No Load
Max
Load
DCMSAU505D-2
5 VDC
(4.5 – 5.5
VDC)
±5 VDC
±4mA
±200mA
60mA
519mA
12%
2W
77%
±10µF
DCMSAU512D-2
±12 VDC
±1.5mA
±83mA
504mA
7%
2W
79%
±4.7µF
DCMSAU515D-2
±15 VDC
±1mA
±66mA
501mA
7%
2W
79%
±4.7µF
DCMSAU1212D-2
12 VDC
(10.8 – 13.2
VDC)
±12 VDC
±1.5mA
±83mA
30mA
202mA
5%
2W
82%
±4.7µF
DCMSAU1215D-2
±15 VDC
±1mA
±66mA
201mA
5%
2W
82%
±4.7µF
DCMSAU2412D-2
24 VDC
(21.6 – 26.4
VDC)
±12 VDC
±1.5mA
±83mA
15mA
102mA
5%
2W
81%
±4.7µF
DCMSAU2415D-2
±15 VDC
±1mA
±66mA
100mA
5%
2W
82%
±4.7µF
NOTES
1. The DCMSAU2 series requires a minimum output loading to maintain specified regulations. Operation under no-load conditions will not
damage these devices; however they may not meet all listed specifications.
2. All DC/DC converters should be externally fused at the front end for protection.
3. Other input and output voltages may be available, please contact factory.
*Due to advances in technology, specifications are subject to change without notice.


Similar Part No. - DCMSAU2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCMSAU2405DH-1 WALL-DCMSAU2405DH-1 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
DCMSAU2405H-1 WALL-DCMSAU2405H-1 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
DCMSAU2405H-1 WALL-DCMSAU2405H-1 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
DCMSAU2412DH-1 WALL-DCMSAU2412DH-1 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
DCMSAU2412H-1 WALL-DCMSAU2412H-1 Datasheet
666Kb / 5P
1 Watt DC/DC Power Converters
More results

Similar Description - DCMSAU2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com