Electronic Components Datasheet Search
  English  ▼

X  

DCMSAU2 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCMSAU2
Description  2 Watt DC/DC Power Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMSAU2 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCMSAU2 Datasheet HTML 1Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 2Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 3Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 4Page - Wall Industries,Inc. DCMSAU2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev B
DCMSAU2 SERIES
2 Watt DC/DC Power Converters
10/23/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
DESIGN CONSIDERATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4.7µH) and
Cin (220µF, ESR < 1.0Ω at 100 KHz) to simulate
source impedance. Capacitor Cin offsets possible battery impedance. Current ripple is measured at the input terminals of the
module. Measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a 0.33µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-
20MHz. Position the load between 50mm and 75mm from the DC/DC converter.
TEST SETUP
Maximum Capacitive Load
The DCMSAU2 series has a limitation of maximum connected capacitance on the output. The power module may be
operated in current limiting mode during start-up, affecting the ramp-up and the start-up time. The maximum capacitance can
be found in the Model Selection Table.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be
necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure
stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR <
1.0Ω at 100 KHz)
capacitor of 2.2µF for 5VDC input models, 1.0µF for 12VDC input models, and 0.47µF for 24VDC input models.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com