Electronic Components Datasheet Search
  English  ▼

X  

SIP41101 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP41101
Description  Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41101 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP41101 Datasheet HTML 1Page - Vishay Siliconix SIP41101 Datasheet HTML 2Page - Vishay Siliconix SIP41101 Datasheet HTML 3Page - Vishay Siliconix SIP41101 Datasheet HTML 4Page - Vishay Siliconix SIP41101 Datasheet HTML 5Page - Vishay Siliconix SIP41101 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SiP41101
Vishay Siliconix
New Product
Document Number: 72377
S-31578—Rev. A, 11-Aug-03
www.vishay.com
5
FUNCTIONAL BLOCK DIAGRAM
Figure 2.
IN
SD
GND
VDD
OUTH
SH
SL
OUTL
VDD
BOOT
VBBM
-
+
Undervoltage
Levelshift
Sync EN
DETAILED OPERATION
Break-Before-Make Function
The SiP41101 has an internal break-before-make function to
ensure that both high-side and low-side MOSFETs are not
turned on at the same time. The high-side drive (OUTH) will not
turn on until the low-side gate drive voltage (measured at the
OUTL pin) is less than VBBM, thus ensuring that the low-side
MOSFET is turned off. The low-side drive (OUTL) will not turn
on until the voltage at the MOSFET half-bridge output
(measured at the SL pin) is less than VBBM, thus ensuring that
the high-side MOSFET is turned
Under Voltage Lockout Function
The SiP41101 has an internal under-voltage lockout feature to
prevent driving the MOSFET gates when the supply voltage (at
VDD) is less than the under-voltage lockout specification
(VUVL). This prevents the output MOSFETs from being turned
on without sufficient gate voltage to ensure they are fully on.
There is hysteresis included in this feature to prevent lockout
from cycling on and off.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
100
10
500
100
20
1000
200
Frequency (kHz)
50
0.3
10
1
Load Capacitance (nF)
tr(OUTL)
tf(OUTH)
tf(OUTL)
Rise and Fall Time vs. CLOAD
3
50
40
30
20
10
0
tr(OUTH)
IDD Supply Current vs. Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com