Electronic Components Datasheet Search
  English  ▼

X  

16TTS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 16TTS
Description  Phase Control SCR, 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16TTS Datasheet(HTML) 1 Page - Vishay Siliconix

  16TTS Datasheet HTML 1Page - Vishay Siliconix 16TTS Datasheet HTML 2Page - Vishay Siliconix 16TTS Datasheet HTML 3Page - Vishay Siliconix 16TTS Datasheet HTML 4Page - Vishay Siliconix 16TTS Datasheet HTML 5Page - Vishay Siliconix 16TTS Datasheet HTML 6Page - Vishay Siliconix 16TTS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93696
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Sep-08
1
Phase Control SCR, 10 A
16TTS.. High Voltage Series
Vishay High Power Products
DESCRIPTION/FEATURES
The 16TTS.. High Voltage Series of silicon controlled
rectifiers are specifically designed for medium power
switching and phase control applications. The glass
passivation technology used has reliable operation up to
125 °C junction temperature.
Typical applications are in input rectification (soft start) and
these products are designed to be used with Vishay HPP
input diodes, switches and output rectifiers which are
available in identical package outlines.
This product has been designed and qualified for industrial
level.
Note
(1) For higher voltage up to 1600 V contact factory
PRODUCT SUMMARY
VT at 10 A
< 1.4 V
ITSM
200 A
VRRM
800/1200 V
(G) 3
2
(A)
1 (K)
TO-220AB
OUTPUT CURRENT IN TYPICAL APPLICATIONS
APPLICATIONS
SINGLE-PHASE BRIDGE
THREE-PHASE BRIDGE
UNITS
Capacitive input filter TA = 55 °C, TJ = 125 °C,
common heatsink of 1 °C/W
13.5
17
A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
Sinusoidal waveform
10
A
IRMS
16
VDRM/VRRM
Range (1)
800/1200
V
ITSM
200
A
VT
10 A, TJ = 25 °C
1.4
V
dV/dt
500
V/µs
dI/dt
150
A/µs
TJ
Range
- 40 to 125
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM PEAK
DIRECT VOLTAGE
V
IRRM/IDRM
AT 125 °C
mA
16TTS08
800
800
10
16TTS12
1200
1200


Similar Part No. - 16TTS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS IRF-16TTS Datasheet
251Kb / 6P
PHASE CONTROL SCR
16TTS IRF-16TTS Datasheet
98Kb / 7P
PHASE CONTROL SCR TO-220 FULLPAK
16TTS IRF-16TTS Datasheet
119Kb / 8P
SURFACE MOUNTABLE PHASE CONTROL SCR
16TTS08 IRF-16TTS08 Datasheet
93Kb / 7P
PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
Phase Control SCR, 10 A
16-Sep-08
More results

Similar Description - 16TTS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
Phase Control SCR, 10 A
26-May-08
10TTS08SPBF VISHAY-10TTS08SPBF Datasheet
124Kb / 7P
Surface Mountable Phase Control SCR, 10 A
24-Apr-08
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
Phase Control SCR, 10 A
16-Sep-08
16TTS08PBF VISHAY-16TTS08PBF Datasheet
146Kb / 7P
Phase Control SCR, 10 A
15-Sep-08
10TTS08SPBF VISHAY-10TTS08SPBF_10 Datasheet
598Kb / 7P
Surface Mountable Phase Control SCR, 10 A
08-Jun-10
VS-10TTS08PBF VISHAY-VS-10TTS08PBF Datasheet
191Kb / 7P
Thyristor High Voltage, Phase Control SCR, 10 A
23-Aug-11
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
Surface Mountable Phase Control SCR, 10 A
19-Jun-08
10TTS08 VISHAY-10TTS08_V01 Datasheet
114Kb / 6P
Phase Control SCR, 10 A
19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com