Electronic Components Datasheet Search
  English  ▼

X  

16TTS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 16TTS
Description  Phase Control SCR, 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16TTS Datasheet(HTML) 2 Page - Vishay Siliconix

  16TTS Datasheet HTML 1Page - Vishay Siliconix 16TTS Datasheet HTML 2Page - Vishay Siliconix 16TTS Datasheet HTML 3Page - Vishay Siliconix 16TTS Datasheet HTML 4Page - Vishay Siliconix 16TTS Datasheet HTML 5Page - Vishay Siliconix 16TTS Datasheet HTML 6Page - Vishay Siliconix 16TTS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93696
2
Revision: 16-Sep-08
16TTS.. High Voltage Series
Vishay High Power Products Phase Control SCR, 10 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum average on-state current
IT(AV)
TC = 98 °C, 180° conduction, half sine wave
10
A
Maximum RMS on-state current
IRMS
16
Maximum peak, one-cycle,
non-repetitive surge current
ITSM
10 ms sine pulse, rated VRRM applied
170
10 ms sine pulse, no voltage reapplied
200
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
144
A2s
10 ms sine pulse, no voltage reapplied
200
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
2000
A2
√s
Maximum on-state voltage drop
VTM
10 A, TJ = 25 °C
1.4
V
On-state slope resistance
rt
TJ = 125 °C
24.0
m
Ω
Threshold voltage
VT(TO)
1.1
V
Maximum reverse and direct leakage current
IRM/IDM
TJ = 25 °C
VR = Rated VRRM/VDRM
0.5
mA
TJ = 125 °C
10
Holding current
IH
Anode supply = 6 V, resistive load, initial IT = 1 A
16TTS08, 16TTS12
-
100
Maximum latching current
IL
Anode supply = 6 V, resistive load
200
Maximum rate of rise of off-state voltage
dV/dt
500
V/µs
Maximum rate of rise of turned-on current
dI/dt
150
A/µs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
W
Maximum average gate power
PG(AV)
2.0
Maximum peak positive gate current
+ IGM
1.5
A
Maximum peak negative gate voltage
- VGM
10
V
Maximum required DC gate current to trigger
IGT
Anode supply = 6 V, resistive load, TJ = - 65 °C
90
mA
Anode supply = 6 V, resistive load, TJ = 25 °C
60
Anode supply = 6 V, resistive load, TJ = 125 °C
35
Maximum required DC gate
voltage to trigger
VGT
Anode supply = 6 V, resistive load, TJ = - 65 °C
3.0
V
Anode supply = 6 V, resistive load, TJ = 25 °C
2.0
Anode supply = 6 V, resistive load, TJ = 125 °C
1.0
Maximum DC gate voltage not to trigger
VGD
TJ = 125 °C, VDRM = Rated value
0.2
Maximum DC gate current not to trigger
IGD
2.0
mA
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Typical turn-on time
tgt
TJ = 25 °C
0.9
µs
Typical reverse recovery time
trr
TJ = 125 °C
4
Typical turn-off time
tq
110



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com