Electronic Components Datasheet Search
  English  ▼

X  

SP3530 Datasheet(PDF) 4 Page - Littelfuse

Part # SP3530
Description  SP3530 0.3pF 22kV unidirectional TVS diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3530 Datasheet(HTML) 4 Page - Littelfuse

  SP3530 Datasheet HTML 1Page - Littelfuse SP3530 Datasheet HTML 2Page - Littelfuse SP3530 Datasheet HTML 3Page - Littelfuse SP3530 Datasheet HTML 4Page - Littelfuse SP3530 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/04/18
TVS Diode Arrays (SPA® Diodes)
Enhanced ESD Discrete TVS Series - SP3530
Package Dimensions — 0201 DFN
Symbol
Millimeters
Inches
Min
Max
Max
Min
Min
Max
A
0.23
0.28
0.33
0.009
0.011
0.013
A1
0.00
0.02
0.05
0.000
0.001
0.002
L1
0.12
0.18
0.24
0.005
0.007
0.009
L2
0.18
0.24
0.30
0.007
0.009
0.012
D
0.55
0.60
0.65
0.022
0.024
0.026
E
0.25
0.30
0.35
0.010
0.012
0.014
e
0.35 (BSC)
0.014 (BSC)
h
0.05 ( x 45° )
0.002 ( x 45° )
D
PIN1
Top View
Bottom View
Side View
e
L1
Side View
1
h
Recommended soldering pad layout
Package outline
0.14mm
0.24mm
Package Dimensions — SOD882
Symbol
Millimeters
Inches
Min
Max
Max
Min
Min
Max
A
0.40
0.45
0.50
0.016
0.018
0.020
A1
0.00
0.02
0.05
0.000
0.001
0.002
L1
0.20
0.25
0.30
0.008
0.010
0.012
L2
0.45
0.50
0.55
0.018
0.020
0.022
D
0.90
1.00
1.10
0.035
0.039
0.043
E
0.50
0.60
0.70
0.020
0.024
0.028
e
0.65 (BSC)
0.026 (BSC)
h
0.125 ( x 45° )
0.005 ( x 45° )
D
PIN1
Top View
Bottom View
Side View
1
L1
e
Recommended soldering pad layout
0.30mm
0.40mm
1.10mm
Package outline
Part Numbering System
SP 3530 01 U T G
Series
Number of
Channels
Package
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA Diodes)
U: 0201 DFN
E: SOD882
®
Part Number
Package
Marking
Min. Order Qty.
SP3530-01UTG
0201 DFN
15000
SP3530-01ETG
SOD882
10000
Ordering Information
+
Part Marking System
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com