Electronic Components Datasheet Search
  English  ▼

X  

SP3530 Datasheet(PDF) 1 Page - Littelfuse

Part # SP3530
Description  SP3530 0.3pF 22kV unidirectional TVS diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3530 Datasheet(HTML) 1 Page - Littelfuse

  SP3530 Datasheet HTML 1Page - Littelfuse SP3530 Datasheet HTML 2Page - Littelfuse SP3530 Datasheet HTML 3Page - Littelfuse SP3530 Datasheet HTML 4Page - Littelfuse SP3530 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/04/18
TVS Diode Arrays (SPA® Diodes)
Enhanced ESD Discrete TVS Series - SP3530
Applications
• Ultra-high speed data
lines
• USB 3.1, 3.0, 2.0
• HDMI 2.0, 1.4a, 1.3
• DisplayPort(TM)
• V-by-One®
• LVDS interfaces
• Consumer, mobile and
portable electronics
• Tablet PC and external
storage with high speed
interfaces
• Applications requiring
high ESD performance in
small packages
Pinout
Functional Block Diagram
1
2
1
2
Unidirectional
Bidirectional
SP3530 0.3pF 22kV unidirectional TVS diode
Description
This SP3530 unidirectional diode provides a high level of
protection for electronic equipment that may be exposed
to electrostatic discharges (ESD). This robust component
can safely absorb repetitive ESD strikes above the
maximum level specified in the IEC 61000-4-2 international
standard (±8kV contact discharge) without performance
degradation. The extremely low loading capacitance also
makes it ideal for protecting high speed signal pins such as
V-By-One®, HDMI, USB3.0, USB2.0, and IEEE 1394.
Features
ELV
RoHS Pb GREEN
• ESD, IEC 61000-4-2,
±22kV contact, ±22kV air
• EFT, IEC 61000-4-4, 40A
(t
P=5/50ns)
• Lightning, IEC 61000-
4-5, 2nd edition, 2.5A
(t
P=8/20μs)
• Low capacitance of 0.3pF
(TYP) at 3GHz
• Low profile 0201 DFN
packages and SOD882
packages
• Facilitates excellent signal
integrity
• ELV Compliant
• AEC-Q101 qualified
• Halogen free, Lead free
and RoHS compliant
• Moisture Sensitivity Level
(MSL -1)
Bottom View
1
2
1
2
Bottom View
1
2
SOD882
0201 DFN
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.


Similar Part No. - SP3530

ManufacturerPart #DatasheetDescription
logo
NEC
SP350 NEC-SP350 Datasheet
1Mb / 2P
Soft client for Laptops & PCs
logo
SIPAT Co,Ltd
SP35001 SIPAT-SP35001 Datasheet
160Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results

Similar Description - SP3530

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Littelfuse
AQ3530-01FTG LITTELFUSE-AQ3530-01FTG Datasheet
1Mb / 5P
AQ3530-01FTG, 0.3pF 22kV unidirectional TVS diode
2020 Littelfuse, Inc
AQ3530-01LTG LITTELFUSE-AQ3530-01LTG Datasheet
956Kb / 5P
AQ3530-01LTG, 0.3pF 22kV unidirectional TVS diode
2019 Littelfuse, Inc
SC3530-01LTG LITTELFUSE-SC3530-01LTG Datasheet
624Kb / 5P
7V, 0.3pF, 22kV, SOD523, Unidirectional TVS, Ultra Low Capacitance ESD protection
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com