Electronic Components Datasheet Search
  English  ▼

X  

HMC465LP5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC465LP5
Description  GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC465LP5 Datasheet(HTML) 3 Page - Analog Devices

  HMC465LP5 Datasheet HTML 1Page - Analog Devices HMC465LP5 Datasheet HTML 2Page - Analog Devices HMC465LP5 Datasheet HTML 3Page - Analog Devices HMC465LP5 Datasheet HTML 4Page - Analog Devices HMC465LP5 Datasheet HTML 5Page - Analog Devices HMC465LP5 Datasheet HTML 6Page - Analog Devices HMC465LP5 Datasheet HTML 7Page - Analog Devices HMC465LP5 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC465LP5 / 465LP5E
v07.0418
GAAS PHEMT MMIC MODULATOR DRIVER
AMPLIFIER, DC - 20 GHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & Output IP3 vs. Supply
Voltage @ 10 GHz, Idd = 160mA
Group Delay
Deviation from Linear Phase
10
14
18
22
26
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
10
14
18
22
26
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
18
20
22
24
26
28
30
32
34
36
38
40
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
7.5
8
8.5
Gain
P1dB
Psat
IP3
SUPPLY VOLTAGE (V)
-400
-350
-300
-250
-200
0
123456
789
10
FREQUENCY (GHz)
-10
-6
-2
2
6
10
02
4
68
10
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com