Electronic Components Datasheet Search
  English  ▼

X  

HMC490LP5E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC490LP5E
Description  GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5E Datasheet(HTML) 3 Page - Analog Devices

  HMC490LP5E Datasheet HTML 1Page - Analog Devices HMC490LP5E Datasheet HTML 2Page - Analog Devices HMC490LP5E Datasheet HTML 3Page - Analog Devices HMC490LP5E Datasheet HTML 4Page - Analog Devices HMC490LP5E Datasheet HTML 5Page - Analog Devices HMC490LP5E Datasheet HTML 6Page - Analog Devices HMC490LP5E Datasheet HTML 7Page - Analog Devices HMC490LP5E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC490LP5 / 490LP5E
v04.0213
GaAs pHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 16 GHz
P1dB vs. Temperature
Gain, Noise Figure & OIP3 vs.
Supply Voltage @ 14 GHz, Idd= 200 mA
Power Compression @ 14 GHz
Power Dissipation
Psat vs. Temperature
Gain, Noise Figure & IP3 vs.
Supply Current @ 14 GHz, Vdd= 5V*
* Idd is controlled by varying Vgg
0
4
8
12
16
20
24
28
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
4
8
12
16
20
24
28
32
10
11
12
13
14
15
16
17
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
24
28
32
36
40
0
1
2
3
4
5
3.5
4
4.5
5
5.5
Gain
IP3
Noise Figure
Vdd (V)
0
5
10
15
20
25
30
-20
-15
-10
-5
0
5
10
Pout
Gain
PAE
INPUT POWER (dBm)
20
24
28
32
36
40
0
1
2
3
4
5
3.5
4
4.5
5
5.5
Gain
IP3
Noise Figure
Vdd (V)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-20
-15
-10
-5
0
5
10
Max Pdis @ 85C
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
INPUT POWER (dBm)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com