Electronic Components Datasheet Search
  English  ▼

X  

HMC490LP5E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC490LP5E
Description  GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5E Datasheet(HTML) 1 Page - Analog Devices

  HMC490LP5E Datasheet HTML 1Page - Analog Devices HMC490LP5E Datasheet HTML 2Page - Analog Devices HMC490LP5E Datasheet HTML 3Page - Analog Devices HMC490LP5E Datasheet HTML 4Page - Analog Devices HMC490LP5E Datasheet HTML 5Page - Analog Devices HMC490LP5E Datasheet HTML 6Page - Analog Devices HMC490LP5E Datasheet HTML 7Page - Analog Devices HMC490LP5E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC490LP5 / 490LP5E
v04.0213
GaAs pHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 16 GHz
General Description
Features
Functional Diagram
The HMC490LP5(E) is a high dynamic range GaAs
pHEMT MMIC Low Noise Amplifier which operates
between 12 and 16 GHz. The HMC490LP5(E) provides
23 dB of gain, 2.5 dB noise figure and an output IP3
of +34 dBm from a +5V supply voltage. This versatile
amplifier combines excellent, stable +25 dBm P1dB
output power with very low noise figure making it ideal
for receive and transmit applications. The amplifier is
packaged in a leadless 5x5 mm QFN surface mount
package.
Noise Figure: 2.5 dB
P1dB Output Power: +25 dBm
Gain: 23 dB
Output IP3: +34 dBm
+5V Supply
50 Ohm Matched Input/Output
32 Lead 5x5mm SMT Package: 25mm²
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 200 mA*
Typical Applications
The HMC490LP5(E) is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Military EW, ECM & C3I
Parameter
Min.
Typ.
Max.
Units
Frequency Range
12 - 16
GHz
Gain
20
23
dB
Gain Variation Over Temperature
0.03
0.04
dB/ °C
Noise Figure
2.5
3.5
dB
Input Return Loss
8
dB
Output Return Loss
8
dB
Output Power for 1 dB Compression (P1dB)
22
25
dBm
Saturated Output Power (Psat)
27
dBm
Output Third Order Intercept (IP3)
34
dBm
Supply Current (Idd)(Vdd = 5V, Vgg = -0.8V Typ.)
200
mA
* Adjust Vgg between -2 to 0V to achieve Idd = 200 mA typical.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC490LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490LP5E HITTITE-HMC490LP5E Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
More results

Similar Description - HMC490LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC490 HITTITE-HMC490 Datasheet
217Kb / 8P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490LP5 HITTITE-HMC490LP5 Datasheet
272Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC490 HITTITE-HMC490_09 Datasheet
265Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490LP5 HITTITE-HMC490LP5_10 Datasheet
247Kb / 6P
GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC718LP4 HITTITE-HMC718LP4 Datasheet
1,001Kb / 10P
GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
HMC719LP4 HITTITE-HMC719LP4 Datasheet
1,022Kb / 10P
GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 1.3 - 2.9 GHz
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com