Electronic Components Datasheet Search
  English  ▼

X  

LANH2 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANH2
Description  Non-Regulated Single Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANH2 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANH2 Datasheet HTML 1Page - Wall Industries,Inc. LANH2 Datasheet HTML 2Page - Wall Industries,Inc. LANH2 Datasheet HTML 3Page - Wall Industries,Inc. LANH2 Datasheet HTML 4Page - Wall Industries,Inc. LANH2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A
LANH 2 Series
SIL and DIL Package Types
Non-Regulated Single Outputs
2 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
04/30/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
TECHNICAL SPECIFICATIONS: LANH 2 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
5VDC nominal input models
4.5
5
5.5
VDC
12VDC nominal input models
10.8
12
13.2
24VDC nominal input models
21.6
24
26.4
Input Surge Voltage
5VDC nominal input models
-0.7
5
7.5
VDC
12VDC nominal input models
-0.7
12
15
24VDC nominal input models
-0.7
24
30
Input Current
See Table
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±5
%
Output Current
See Table
Line Regulation
per 1.0% change in input change
1.3
%
Load Regulation
See Table
Capacitive Load
2 Watt
330
µF
Output Power
0
2
W
Output Ripple
20MHz Bandwidth
See Table
Temperature Coefficient
±0.01
±0.02
%/°C
PROTECTION
Short Circuit Protection Duration
1 second max
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Nominal input
80
KHz
Isolation Voltage (Input to Output)
Test duration 60 seconds / 0.5mA
1000
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
1KHz / 250mVrms
40
pF
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Full load
-40
+85
°C
Case Surface Temperature
-40
+95
°C
Storage Temperature
-55
+105
°C
Humidity
90
%
Cooling
Free air convection
PHYSICAL SPECIFICATIONS
Case Material
plastic
Weight
SIL Package Type
0.05oz (1.4g)
DIL Package Type
0.06oz (1.8g)
Dimensions (L x W x H)
SIL Package Type
0.46 x 0.24 x 0.40 inches
(11.68 x 6.00 x 10.15 mm)
DIL Package Type
0.50 x 0.39 x 0.30 inches
(12.70 x 10.00 x 7.70 mm)
*Due to advances in technology, specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com