Electronic Components Datasheet Search
  English  ▼

X  

LANH2 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANH2
Description  Non-Regulated Single Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANH2 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANH2 Datasheet HTML 1Page - Wall Industries,Inc. LANH2 Datasheet HTML 2Page - Wall Industries,Inc. LANH2 Datasheet HTML 3Page - Wall Industries,Inc. LANH2 Datasheet HTML 4Page - Wall Industries,Inc. LANH2 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A
LANH 2 Series
SIL and DIL Package Types
Non-Regulated Single Outputs
2 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
04/30/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLES
SIL Package Type Models
Model Number
Input Voltage
Output
Voltage
Output
Current
Input Current
Load
Regulation
Ripple & Noise
Output
Power
Efficiency
No Load
Full Load
LANH533N2
5 VDC
(4.5 – 5.5 VDC)
3.3 VDC
600mA
40mA
533mA
±12%
50mV
2W
75%
LANH505N2
5 VDC
400mA
40mA
533mA
±10%
60mV
2W
75%
LANH509N2
9 VDC
222mA
40mA
533mA
±8%
80mV
2W
75%
LANH512N2
12 VDC
167mA
35mA
520mA
±8%
100mV
2W
77%
LANH515N2
15 VDC
134mA
35mA
520mA
±8%
120mV
2W
77%
LANH1233N2
12 VDC
(10.8 – 13.2 VDC)
3.3 VDC
600mA
18mA
222mA
±12%
50mV
2W
75%
LANH1205N2
5 VDC
400mA
18mA
222mA
±10%
60mV
2W
75%
LANH1209N2
9 VDC
222mA
16mA
217mA
±8%
80mV
2W
77%
LANH1212N2
12 VDC
167mA
16mA
217mA
±8%
100mV
2W
77%
LANH1215N2
15 VDC
134mA
16mA
217mA
±8%
120mV
2W
77%
LANH2433N2
24 VDC
(21.6 – 26.4 VDC)
3.3 VDC
600mA
5mA
111mA
±12%
50mV
2W
75%
LANH2405N2
5 VDC
400mA
5mA
111mA
±10%
60mV
2W
75%
LANH2409N2
9 VDC
222mA
5mA
110mA
±8%
80mV
2W
76%
LANH2412N2
12 VDC
167mA
5mA
110mA
±8%
100mV
2W
76%
LANH2415N2
15 VDC
134mA
5mA
110mA
±8%
120mV
2W
76%
DIL Package Type Models
Model Number
Input Voltage
Output
Voltage
Output
Current
Input Current
Load
Regulation
Ripple & Noise
Output
Power
Efficiency
No Load
Full Load
LANH505N2DIL
5 VDC
(4.5 – 5.5 VDC)
5 VDC
400mA
40mA
533mA
±10%
60mV
2W
75%
LANH509N2DIL
9 VDC
222mA
40mA
533mA
±8%
80mV
2W
75%
LANH512N2DIL
12 VDC
167mA
35mA
520mA
±8%
100mV
2W
77%
LANH515N2DIL
15 VDC
134mA
35mA
520mA
±8%
120mV
2W
77%
LANH1205N2DIL
12 VDC
(10.8 – 13.2 VDC)
5 VDC
400mA
22mA
222mA
±10%
60mV
2W
75%
LANH1209N2DIL
9 VDC
222mA
20mA
217mA
±8%
80mV
2W
77%
LANH1212N2DIL
12 VDC
167mA
20mA
217mA
±8%
100mV
2W
77%
LANH1215N2DIL
15 VDC
134mA
20mA
217mA
±8%
120mV
2W
77%
LANH2405N2DIL
24 VDC
(21.6 – 26.4 VDC)
5 VDC
400mA
7mA
111mA
±10%
60mV
2W
75%
LANH2409N2DIL
9 VDC
222mA
6mA
110mA
±8%
80mV
2W
76%
LANH2412N2DIL
12 VDC
167mA
6mA
110mA
±8%
100mV
2W
76%
LANH2415N2DIL
15 VDC
134mA
6mA
110mA
±8%
120mV
2W
76%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com