Electronic Components Datasheet Search
  English  ▼

X  

LRTBGVTG Datasheet(PDF) 23 Page - OSRAM GmbH

Part # LRTBGVTG
Description  video walls
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGVTG Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button LRTBGVTG Datasheet HTML 19Page - OSRAM GmbH LRTBGVTG Datasheet HTML 20Page - OSRAM GmbH LRTBGVTG Datasheet HTML 21Page - OSRAM GmbH LRTBGVTG Datasheet HTML 22Page - OSRAM GmbH LRTBGVTG Datasheet HTML 23Page - OSRAM GmbH LRTBGVTG Datasheet HTML 24Page - OSRAM GmbH LRTBGVTG Datasheet HTML 25Page - OSRAM GmbH LRTBGVTG Datasheet HTML 26Page - OSRAM GmbH LRTBGVTG Datasheet HTML 27Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
LRTB GVTG
2018-03-29
23
Barcode-Produkt-Etikett (BPL)
Barcode-Product-Label (BPL)
Gurtverpackung
Tape and Reel
Tape dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
4
 0.1
(0.157
 0.004)
8
 0.1
(0.315
 0.004)
2
 0.05
(0.079
 0.002)
1.5
0.1
(0.059
 0.004)
1.75
 0.1
(0.069
 0.004)
5.5
 0.05
(0.217
 0.002)
Reel dimensions in mm (inch)
A
W
N
min
W
1
W
2 max
330 (13)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488
 0.079)
18.4 (0.724)
OHA32043
(G) GROUP:
Lot Number
(1T) LOT NO:
(9D) D/C: Date Code
(X) PROD NO: Product Code
(6P) BATCH NO: Batch Number
Lxxx xxxx
Product Name
RoHS Compliant
Bin1: Bin Information Color 1
Bin2: Bin Information Color 2
Bin3: Bin Information Color 3
ML
2
Temp ST
245 C RT
Additional TEXT
R077
DEMY
PACKVAR: Packing Type
Product Quantity per Reel
(Q)QTY:
Semiconductors
OSRAM Opto
Wavelength Group
Forward Voltage Group
Brightness Group
X-X-X+X-X-X+X-X-X
Color 1
Color 2
Color 3
Bar Code
Bar Code
Bar Code
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
X
Temp
ST
XXX °C X
Pack: RXX
DEMY
XXX
X_X123_1234.1234 X
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
LE
X
X
PLE
LLXX
234.1234 X
X-X-X
LLLLLL
PL
XXX
XXX
12
123
XX
XX
MPL
XX
X
X_X123_1
XX-XX
MPL
Pack: RX
Pack: RX
DEMY
DEMY
MP
4
MP
AMP
M
M
M
AM
M
AM
M
D) D/C
D) D/C
234
234
M
M
M
M
M
3
PL
Pack: R
DEMY
AM
M
M
AM
AM
D/
MP
M
M
M
:
123
AM
AM
AAM
(9D
XAAA
XAA
XA
XXA
X
EXA
EX
EX
EXXXXA
XX
EX
EXX
7890
7890
EXXXXXX
EX
EXA
EEEX
EX
EEXX
EEX
EEX
EX
EX
:
1234567
r
EEEEEEEEE
NO:
NO:
234
234
EX
ors
ors
XA
X
890
X
RX
DEMY
12
D) D/C:
234
(
7890
NO:
234
po
XXX
_123
XX-
Pack: R
DEMY
tors
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D
12+ 0.3
– 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com