Electronic Components Datasheet Search
  English  ▼

X  

LERQ8WP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LERQ8WP
Description  OSRAM OSTAR Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERQ8WP Datasheet(HTML) 1 Page - OSRAM GmbH

  LERQ8WP Datasheet HTML 1Page - OSRAM GmbH LERQ8WP Datasheet HTML 2Page - OSRAM GmbH LERQ8WP Datasheet HTML 3Page - OSRAM GmbH LERQ8WP Datasheet HTML 4Page - OSRAM GmbH LERQ8WP Datasheet HTML 5Page - OSRAM GmbH LERQ8WP Datasheet HTML 6Page - OSRAM GmbH LERQ8WP Datasheet HTML 7Page - OSRAM GmbH LERQ8WP Datasheet HTML 8Page - OSRAM GmbH LERQ8WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-08-24
1
2017-08-24
OSRAM OSTAR Projection Compact
Datasheet
Version 1.1
LE R Q8WP
Compact light source in SMT technology, glass
window on top, RoHS compliant
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Features:
Besondere Merkmale:
•
Package: compact lightsource in SMT technology
with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
•
Technology: InGaAlP
•
Technologie: InGaAlP
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: red (625 nm)
•
Farbe: rot (625 nm)
Applications
Anwendungen
•
Projection
•
Projektion
•
Stage and Entertainment Lighting
•
Bühnen- und Effektbeleuchtung


Similar Part No. - LERQ8WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LERQ8WP-KBMA-34 OSRAM-LERQ8WP-KBMA-34 Datasheet
786Kb / 23P
Compact light source in SMT technology
More results

Similar Description - LERQ8WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ8WP OSRAM-LETQ8WP Datasheet
839Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
LEAQ9WN OSRAM-LEAQ9WN_17 Datasheet
722Kb / 22P
OSRAM OSTAR Projection Compact
LEBAQ6WM OSRAM-LEBAQ6WM Datasheet
714Kb / 18P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com