Electronic Components Datasheet Search
  English  ▼

X  

LERQ8WP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LERQ8WP
Description  OSRAM OSTAR Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LERQ8WP Datasheet(HTML) 5 Page - OSRAM GmbH

  LERQ8WP Datasheet HTML 1Page - OSRAM GmbH LERQ8WP Datasheet HTML 2Page - OSRAM GmbH LERQ8WP Datasheet HTML 3Page - OSRAM GmbH LERQ8WP Datasheet HTML 4Page - OSRAM GmbH LERQ8WP Datasheet HTML 5Page - OSRAM GmbH LERQ8WP Datasheet HTML 6Page - OSRAM GmbH LERQ8WP Datasheet HTML 7Page - OSRAM GmbH LERQ8WP Datasheet HTML 8Page - OSRAM GmbH LERQ8WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.1
LE R Q8WP
2017-08-24
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 22
Dominant Wellenlängengruppen 2) Seite 22
Group
Luminous Flux 1) page 22
Luminous Flux 1) page 22
Gruppe
Lichtstrom 1) Seite 22
Lichtstrom 1) Seite 22
(min.) Φ
V [lm]
(max.) Φ
V [lm]
KB
90
112
LA
112
140
LB
140
180
MA
180
224
Group
red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
618
624
4
624
632
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com