Electronic Components Datasheet Search
  English  ▼

X  

CPC5620 Datasheet(PDF) 12 Page - Clare, Inc.

Part # CPC5620
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5620 Datasheet(HTML) 12 Page - Clare, Inc.

Back Button CPC5620 Datasheet HTML 8Page - Clare, Inc. CPC5620 Datasheet HTML 9Page - Clare, Inc. CPC5620 Datasheet HTML 10Page - Clare, Inc. CPC5620 Datasheet HTML 11Page - Clare, Inc. CPC5620 Datasheet HTML 12Page - Clare, Inc. CPC5620 Datasheet HTML 13Page - Clare, Inc. CPC5620 Datasheet HTML 14Page - Clare, Inc. CPC5620 Datasheet HTML 15Page - Clare, Inc. CPC5620 Datasheet HTML 16Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
CPC5620/CPC5621
12
www.clare.com
Rev. 0.E
rent. The photocurrent, a linear representation of the
receive signal, is amplified and converted to a differen-
tial voltage output on RX+ and RX-.
Variations in gain are controlled to within ±0.4 dB by
factory gain trim, which sets the output of the photo-
amplifier to unity gain.
To accommodate single-supply operation, LITELINK
includes a small DC bias on the RX outputs of 1.0
Vdc. Most applications should AC couple the RX out-
puts as shown in Figure 6.
LITELINK may be used for differential or single-ended
output as shown in Figure 6. Single-ended use will
produce 6 dB less signal output amplitude. Do not
exceed 0 dBm into 600
Ω (2.2 V
P-P) signal input with
the standard application circuit. See application note
AN-149, Increased LITELINK II Transmit Power for more
information.
Figure 6. Differential and Single-ended Receive
Path Connections to LITELINK
3.3.2 Transmit Signal Path
Connect transmit signals from the host equipment to
the TX+ and TX- pins of LITELINK. Do not exceed a
signal level of 0 dBm in 600
Ω (or 2.2 V
P-P). Differen-
tial transmit signals are converted to single-ended sig-
nals in LITELINK. The signal is coupled to the transmit
photodiode amplifier in a similar manner to the receive
path.
The output of the photodiode amplifier is coupled to a
voltage-to-current converter via a transconductance
stage where the transmit signal modulates the tele-
phone line loop current. As in the receive path, gain is
set to unity at the factory, limiting insertion loss to 0,
±0.4 dB.
Figure 7. Differential and Single-ended Transmit
Path Connections to LITELINK
3.4 Start-up Requirements
OH must be de-asserted (set logic high) once after
power-up for at least 50 ms to transfer internal gain
trim values within LITELINK. This would be normal
operation in most applications.
3.5 DC Characteristics
The CPC5620 and CPC5621 are designed for world-
wide application regarding DC characteristics, includ-
ing use under the requirements of TBR-21. The ZDC,
DCS1, and DCS2 pins control the VI slope character-
istics of LITELINK. Selecting appropriate resistor val-
ues for RZDC (R16) and RDCS (R15) in the provided
application circuits assure compliance with DC
requirements.
3.5.1 Non-Current Limited Applications
LITELINK includes a telephone line current limit fea-
ture that is selectable by selecting the desired value
for RZDC (R16) using the following formula:
Clare recommends using 8.2
Ω for R
ZDC in North
America and Japan, limiting telephone line current to
133 mA.
RX+
RX-
RX+
RX+
RX
RX-
0.1uF
0.1uF
0.1uF
LITELINK
Host-side CODEC
or Voice Circuit
LITELINK
LITELINK
TXA1
TXA2
-
+
0.1uf
0.1uf
Host CODEC or
Transmit Circuit
Host CODEC or
Transmit Circuit
TX-
TX+
TXA1
-
+
0.1uf
0.1uf
TX-
TX+
ICLAmps
1V
RZDC
-------------
0.011A
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com