Electronic Components Datasheet Search
  English  ▼

X  

CPC5620 Datasheet(PDF) 17 Page - Clare, Inc.

Part # CPC5620
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5620 Datasheet(HTML) 17 Page - Clare, Inc.

Back Button CPC5620 Datasheet HTML 10Page - Clare, Inc. CPC5620 Datasheet HTML 11Page - Clare, Inc. CPC5620 Datasheet HTML 12Page - Clare, Inc. CPC5620 Datasheet HTML 13Page - Clare, Inc. CPC5620 Datasheet HTML 14Page - Clare, Inc. CPC5620 Datasheet HTML 15Page - Clare, Inc. CPC5620 Datasheet HTML 16Page - Clare, Inc. CPC5620 Datasheet HTML 17Page - Clare, Inc. CPC5620 Datasheet HTML 18Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
CPC5620/CPC5621
Rev. 0.E
www.clare.com
17
7. Manufacturing Information
7.1 Mechanical Dimensions
Figure 17. Dimensions
Figure 18. Recommended Printed Circuit Board Layout
10.287 + .254
(0.405 + 0.010)
7.493 + 0.127
(0.295 + 0.005)
10.363 + 0.127
(0.408 + 0.005)
4° Max.
32 PL
7.239 + 0.051
(0.285 + 0.002)
0.203
(0.008)
1.016 Typ.
(0.040 Typ.)
0.635 x 45°
(0.025 x 45°)
0.635 + 0.076
(0.025 + 0.003)
0.330 + 0.051
(0.013 + 0.002)
9.525 + 0.076
(0.375 + 0.003)
2.134 Max.
(0.084 Max.)
1.981 + 0.051
(0.078 + 0.002)
0.051 + 0.051
(0.002 + 0.002)
Coplanar to A 0.08/(0.003) 32 PL.
A
DIMENSIONS
mm
(Inches)
11.380
(0.448)
1.650
(0.065)
9.730
(0.383)
0.330
(0.013)
0.635
(0.025)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com