Electronic Components Datasheet Search
  English  ▼

X  

ARP Datasheet(PDF) 2 Page - Littelfuse

Part # ARP
Description  The ARP Series is used in systems where equal run time for two motors is desirable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ARP Datasheet(HTML) 2 Page - Littelfuse

  ARP Datasheet HTML 1Page - Littelfuse ARP Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Alternating Relays
www.littelfuse.com/
Rev: 1-A-062116
www.littelfuse.com/arp
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
NDS-8 Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Rated
at 10A @ 300VAC. Surface mounted with two
#6 (M 3.5 x 0.6) screws or snaps onto a 35 mm
DIN rail. Uses PSC8 hold-down clips.
NDS-11 11-pin Socket
11-pin 35mm DIN rail or surface mount. Surface
mounted with two #6 (M 3.5 x 0.6) screws or
snaps onto a 35 mm DIN rail. Uses PSC11 hold-
down clips.
PSC8 or PSC11 Hold-down Clips
Securely mounts plug-in controls in any position.
Provides protection against vibration. Use PSC8
with NDS-8 Octal Socket or PSC11 with NDS-11
Socket. Sold in sets of two.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
ARP SERIES
Specifications
Input
Tolerance
24VAC
-15% to 20%
120 & 230VAC
-20% to 10%
AC Line Frequency
50/60Hz
Output
Type
Electromechanical relay
Form
SPDT, DPDT, or cross wired DPDT
Rating
10A resistive @ 120/240VAC & 28 VDC;
1/3 hp @ 120/240VAC
Maximum Voltage
250VAC
Life
Mechanical - 1 x 107; Electrical - 1 x 106
Protection
Isolation Voltage
≥ 1500V RMS input to output
Mechanical
Mounting
Plug-in socket
Dimensions
H 81.3 mm (3.2”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Termination
Octal 8-pin or magnal 11-pin
Environmental
Operating/Storage
Temperature
-20° to 60°C / -30° to 85°C
Weight
5.6 oz (159 g) approx.
NOTE: Unit does not have debounce time delay.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com