Electronic Components Datasheet Search
  English  ▼

X  

ARP Datasheet(PDF) 1 Page - Littelfuse

Part # ARP
Description  The ARP Series is used in systems where equal run time for two motors is desirable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ARP Datasheet(HTML) 1 Page - Littelfuse

  ARP Datasheet HTML 1Page - Littelfuse ARP Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Alternating Relays
www.littelfuse.com/
Rev: 1-A-062116
www.littelfuse.com/arp
Description
The ARP Series is used in systems where equal run time for
two motors is desirable. The selector switch allows selection
of alternation or for continuous operation of either load. LED’s
indicate the status of the output relay. This versatile series may
be front panel mounted (BZ1 accessory required) or 35 mm DIN
rail mounted with an accessory socket.
Operation
Alternating: When the rotary switch is in the “alternate”
position, alternating operation of Load A and Load B occurs upon
the opening of the control switch S1. To terminate alternating
operation and cause only the selected load to operate, rotate
the switch to position “A” to lock Load A or position “B” to lock
Load B. The LEDs indicate the status of the internal relay and
which load is selected to operate.
Note: Input voltage must be applied at all times for proper
alternation. The use of a solid-state control switch for S1 may
not initiate alternation correctly. S1 voltage must be from
the same supply as the unit’s input voltage (see connection
diagrams). Loss of input voltage resets the unit; Load A
becomes the lead load for the next operation.
Duplexing (Cross Wired): Duplexing models operate the same
as alternating relays and when both the Control (S1) and Lag
Load (S2) Switches are closed, Load A and Load B energize
simultaneously.
The DPDT 8-pin, cross-wired option, allows extra system load
capacity through simultaneous operation of both motors when
needed. Relay contacts are not isolated.
Features & Benefits
FEATURES
BENEFITS
Alternating or
electrically locked
operation
Flexibility to run unit alternating between the two
loads as normal or lock the relay to one specific load.
Low profile
selector switch
Prevents accidental actuation
LED status indication
Visual indication of which load is engaged
Industry standard
base connection
Flexibility to use in many applications
ARP SERIES
Alternating Relay
Wiring Diagram
L1
N/L2
L1
N/L2
L1
N/L2
V = VOLTAGE
LA = LOAD A
LB = LOAD B
S1 = PRIMARY CONTROL SWITCH
S2 = LAG LOAD SWITCH
Relay contacts in above are isolated.
SPDT 8-PIN
DPDT 11-PIN
DPDT 8-PIN CROSS WIRED
Ordering Information
MODEL
LINE
VOLTAGE
OUTPUT
FORM
DESCRIPTION
AR120A-3095 120VAC
SPDT
8 pin for alternating applications. Rotary switch allows user to lock internal relay to one specific load.
ARP23S
24VAC
DPDT
8 pin cross wired for duplexing applications. Rotary switch allows user to lock internal relay to one specific load.
ARP41
120VAC
SPDT
8 pin for alternating applications.
ARP41S
120VAC
SPDT
8 pin for alternating applications. Rotary switch allows user to lock internal relay to one specific load.
ARP42S
120VAC
DPDT
11 pin for alternating applications. Rotary switch allows user to lock internal relay to one specific load.
ARP43
120VAC
DPDT
8 pin cross wired for duplexing applications.
ARP43S
120VAC
DPDT
8 pin cross wired for duplexing applications. Rotary switch allows user to lock internal relay to one specific load.
ARP61S
230VAC
SPDT
8 pin for alternating applications. Rotary switch allows user to lock internal relay to one specific load.
ARP62S
230VAC
DPDT
8 pin cross wired for duplexing applications. Rotary switch allows user to lock internal relay to one specific load.
ARP63S
230VAC
DPDT
8 pin cross wired for duplexing applications. Rotary switch allows user to lock internal relay to one specific load.
If you don’t find the part you need, call us for a custom product 800-843-8848
8-PIN
11-PIN


Similar Part No. - ARP

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
ARP-4170400-D1 SOSHIN-ARP-4170400-D1 Datasheet
290Kb / 3P
20dB Directional Coupler 1400-2700MHz
ARP-4171100-D1 SOSHIN-ARP-4171100-D1 Datasheet
292Kb / 3P
30dB Directional Coupler 3200-4000MHz
ARP-4171300-D1 SOSHIN-ARP-4171300-D1 Datasheet
293Kb / 3P
20dB Directional Coupler 3200-4000MHz
ARP-4270000-D1 SOSHIN-ARP-4270000-D1 Datasheet
485Kb / 6P
900MHz Band 90deg. Chip Hybrid Coupler
ARP-4270100-G1 SOSHIN-ARP-4270100-G1 Datasheet
524Kb / 6P
2.15GHz Band 90deg. Chip Hybrid Coupler
More results

Similar Description - ARP

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
FTS500 CONNOR-WINFIELD-FTS500 Datasheet
1Mb / 6P
In a world where precise timing is critical, the FTS500 Xenith TBR (Time Base Reference) is the ultimate partner for your DVB/DAB, wireless communications, time-stamping or any other timing vital application.
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
The flyback converter is a popular choice in applications where the required power
28-Nov-2006
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-2A2 A-BRIGHT-AL-01CEUV3WC-2A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-3A2 A-BRIGHT-AL-01CEUV3WC-3A2 Datasheet
311Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEWW1WCP-A2 A-BRIGHT-AL-01CEWW1WCP-A2 Datasheet
657Kb / 11P
Lead spacing is measured where the leads emerge from the package
logo
Ledil, Inc.
C16226 LEDIL-C16226 Datasheet
4Mb / 7P
Fulfils EN13201 M-class requirements where road width is equal to or less the pole height.
logo
Omron Electronics LLC
G7L-PV OMRON-G7L-PV Datasheet
168Kb / 4P
Two-pole Power Relay That Is Ideal for Inverters in Photovoltaic Power Systems
logo
Linx Technologies
TRM-YYY-DP1203 LINX-TRM-YYY-DP1203 Datasheet
1Mb / 15P
The TRM-xxx-DP1203 modules can be used in any environment where wireless remote connection is an advantage.
2015
logo
ams AG
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com