Electronic Components Datasheet Search
  English  ▼

X  

BDGLA Datasheet(PDF) 7 Page - Agere Systems

Part # BDGLA
Description  QUAD DIFFERENTIAL DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BDGLA Datasheet(HTML) 7 Page - Agere Systems

Back Button BDGLA Datasheet HTML 3Page - Agere Systems BDGLA Datasheet HTML 4Page - Agere Systems BDGLA Datasheet HTML 5Page - Agere Systems BDGLA Datasheet HTML 6Page - Agere Systems BDGLA Datasheet HTML 7Page - Agere Systems BDGLA Datasheet HTML 8Page - Agere Systems BDGLA Datasheet HTML 9Page - Agere Systems BDGLA Datasheet HTML 10Page - Agere Systems BDGLA Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Agere Systems Inc.
7
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and
Quad Differential Drivers
Test Conditions
Parametric values specified under the Electrical Char-
acteristics and Timing Characteristics sections for the
data transmission driver devices are measured with the
following output load circuits.
BDG1A, BPNGA, BDGLA, BPPGA (Gates A & B)
12-2271F
BDP1A, BPNPA, BPPGA (Gates C & D)
12-2271.bC
Figure 4. Driver Test Circuit
12-2640.aF
Note: Surges can be applied simultaneously, but never in opposite
polarities.
Figure 5. Lightning-Surge Testing Configuration
(BPNGA, BPNPA, and BPPGA)
Output Characteristics
Figure 6 illustrates typical driver output characteristics.
Included are load lines for two typical termination con-
figurations.
12-2269F
A. Output Current vs. Output Voltage for Loads
Shown in C and D (BDG1A, BDP1A, BPNGA,
BPNPA, and BPPGA)
12-2818aC
B. Output Current vs. Output Voltage for Loads
Shown in C and D (BDGLA)
12-2270F
C. Y Load
12-2271F
D.
π Load
Figure 6. Driver Output Current vs. Voltage
Characteristics
DO(+)
DO(–)
200
Ω
200
Ω
100
Ω
DO
DO
100
Ω
DUT
+
–
110
Ω
110
Ω
+
–
+5 V
+60 V
SURGE
10
µs
DURATION
1 ms
REPITITION
+60 V
SURGE
10
µs
DURATION
1 ms
REPETITION
10
20
30
40
Y LOAD
π LOAD
OUTPUT VOLTAGE (V)
VOL
VOH
VCC – 2 V
VCC – 1 V
VCC
10
20
30
40
VOH
VOL
Y LOAD
π LOAD
OUTPUT VOLTAGE (V)
VCC – 3 V
VCC – 2 V
VCC – 1 V
VCC
DO
60
Ω
60
Ω
90
Ω
DO
DO(+)
DO(–)
200
Ω
200
Ω
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com