Electronic Components Datasheet Search
  English  ▼

X  

BDGLA Datasheet(PDF) 13 Page - Agere Systems

Part # BDGLA
Description  QUAD DIFFERENTIAL DRIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BDGLA Datasheet(HTML) 13 Page - Agere Systems

Back Button BDGLA Datasheet HTML 8Page - Agere Systems BDGLA Datasheet HTML 9Page - Agere Systems BDGLA Datasheet HTML 10Page - Agere Systems BDGLA Datasheet HTML 11Page - Agere Systems BDGLA Datasheet HTML 12Page - Agere Systems BDGLA Datasheet HTML 13Page - Agere Systems BDGLA Datasheet HTML 14Page - Agere Systems BDGLA Datasheet HTML 15Page - Agere Systems BDGLA Datasheet HTML 16Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Agere Systems Inc.
13
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and
Quad Differential Drivers
Power Dissipation
System designers incorporating Agere data transmis-
sion drivers in their applications should be aware of
package and thermal information associated with these
components.
Proper thermal management is essential to the long-
term reliability of any plastic encapsulated integrated
circuit. Thermal management is especially important
for surface-mount devices, given the increasing circuit
pack density and resulting higher thermal density. A
key aspect of thermal management involves the junc-
tion temperature (silicon temperature) of the integrated
circuit.
Several factors contribute to the resulting junction tem-
perature of an integrated circuit:
s
Ambient use temperature
s
Device power dissipation
s
Component placement on the board
s
Thermal properties of the board
s
Thermal impedance of the package
Thermal impedance of the package is referred to as
Θja and is measured in °C rise in junction temperature
per watt of power dissipation. Thermal impedance is
also a function of airflow present in system application.
The following equation can be used to estimate the
junction temperature of any device:
Tj = TA
+ PD
Θja
where:
Tj is device junction temperature (°C).
TA is ambient temperature (°C).
PD is power dissipation (W).
Θja is package thermal impedance (junction to ambi-
ent—°C/W).
The power dissipation estimate is derived from two fac-
tors:
s
Internal device power
s
Power associated with output terminations
Multiplying ICC times VCC provides an estimate of inter-
nal power dissipation.
The power dissipated in the output is a function of the:
s
Termination scheme on the outputs
s
Termination resistors
s
Duty cycle of the output
Package thermal impedance depends on:
s
Airflow
s
Package type (e.g., DIP, SOIC, SOIC/NB)
The junction temperature can be calculated using the
previous equation, after power dissipation levels and
package thermal impedances are known.
Figure 10 illustrates the thermal impedance estimates
for the various package types as a function of airflow.
This figure shows that package thermal impedance is
higher for the narrow-body SOIC package. Particular
attention should, therefore, be paid to the thermal man-
agement issues when using this package type.
In general, system designers should attempt to main-
tain junction temperature below 125 °C. The following
factors should be used to determine if specific data
transmission drivers in particular package types meet
the system reliability objectives:
s
System ambient temperature
s
Power dissipation
s
Package type
s
Airflow
12-2753F
Figure 10. Power Dissipation
DIP
SOIC/NB
J-LEAD SOIC/GULL WING
AIRFLOW (ft./min.)
200
400
600
800
1000
1200
0
40
50
60
70
80
90
100
110
120
130
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com