Electronic Components Datasheet Search
  English  ▼

X  

LCFEA Datasheet(PDF) 5 Page - Littelfuse

Part # LCFEA
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFEA Datasheet(HTML) 5 Page - Littelfuse

  LCFEA Datasheet HTML 1Page - Littelfuse LCFEA Datasheet HTML 2Page - Littelfuse LCFEA Datasheet HTML 3Page - Littelfuse LCFEA Datasheet HTML 4Page - Littelfuse LCFEA Datasheet HTML 5Page - Littelfuse LCFEA Datasheet HTML 6Page - Littelfuse LCFEA Datasheet HTML 7Page - Littelfuse LCFEA Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
Product Characteristics
Recommended Soldering Profile ( Lead free condition)
Soldering Parameters
Reflow Condition
Wave Soldering
Pb-free assembly
260°C, 10 sec. max
160°C
1°C/second max
1°C/second max
2°C/second max
4 minutes max
185°C
260°C
260°C
220°C
100 − 120 seconds
30 − 50 seconds
5~10 seconds
TS(max) to TL - Ramp-up Rate
Peak Temperature (TP)
Ramp-down Rate
Time 25°C to Peak Temperature (TP)
Do not exceed
- Temperature Min (Ts(min))
- Temperature (TL) (Liquidus)
- Temperature Max (Ts(max))
- Temperature (tL)
- Time (Min to Max) (ts)
Average Ramp-up Rate
(Liquidus Temp (TL) to peak)
Time within 5°C of
actual peak Temperature (tp)
Pre Heat
Reflow
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Operating
Temperature
-40ºC ~ + 125ºC
Climatic Category
-40ºC ~ + 85ºC/8 days
Stock Conditions
-10ºC ~ + 40ºC RH, ≤ 70%
Vibration
Resistance
5 g’s for 20 minutes, 12 cycles each of 3
orientations
Lead Pull Strength
5N
Solderability
260ºC, ≤10s (Reflow),
Max 380ºC,≤5s (Soldering iron)
Soldering Heat
Resistance
Max 260ºC 10sec (Wave),
Max Temperature: Max 380ºC (Max 5sec)
Differential Mode S21
Differencial Mode
Common Mode Noise Filter with ESD Protection
LCFEA Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com