Electronic Components Datasheet Search
  English  ▼

X  

LCFEA Datasheet(PDF) 1 Page - Littelfuse

Part # LCFEA
Description  This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection especially for high speed differential
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCFEA Datasheet(HTML) 1 Page - Littelfuse

  LCFEA Datasheet HTML 1Page - Littelfuse LCFEA Datasheet HTML 2Page - Littelfuse LCFEA Datasheet HTML 3Page - Littelfuse LCFEA Datasheet HTML 4Page - Littelfuse LCFEA Datasheet HTML 5Page - Littelfuse LCFEA Datasheet HTML 6Page - Littelfuse LCFEA Datasheet HTML 7Page - Littelfuse LCFEA Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
littelfuse.com
© 2017 Littelfuse
Revised: 06/23/17
Specifications are subject to change without notice.
LCFEA Series
Description
This specification covers the engineering requirements for both Common Mode
Noise Filter (CMF) and ESD Protection especially for high speed differential
serial interfaces, such as USB 3.1 , USB 2.0 , MIPI D-PHY or HDMI, and RGB line,
LVDS line.
AEC-Q200 qualified common mode noise filter will help to choke and attenuate
the noise for the growing number of electronic applications in modern vehicles.
Features
• AEC-Q200 qualified
• Effective for suppressing common
mode noise and almost no effect for
high speed differential data line
• Differential mode cut-off frequency
up to 4.5GHz at -3dB
• Common mode filters and ESD
suppression devices integrated
• Low profile package
• Ceramic multilayer type SMD
component
• Non-polarized product
• Conforming to RoHS directive.
• ±15kV air, ±8kV contact ESD
protection (IEC 61000-4-2 Level 4)
• High temperature soldering
guaranteed: 260°C/10 seconds
Applications
– Automotive
• Infotainment: Display, Car
Navigation, Head Unit, USB Jack
• ADAS: Car Camera System
• Telematics Control Unit, E-Call
system, Smart Keyless Entry system
• RGB line, LVDS line, HDMI for AVN,
High-speed CAN BUS line
– Consumer
• PDP, LCD TV, DVD Player, PC, Audio
player, DSC, Set top box, Laptop,
SSD, Home Automation
– Portable/Wearable Devices
• Mobile phone, Tablet, Game
console, POS, VR, Dongle
Pinout
Common Mode Noise Filter with ESD Protection
LCFEA Series
Pin1
Pin2
Pin3
Pin4
Pin5
Pin6
Item
Description
Source
Equipment
Rdc
Pin 1-4, 2-3
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 3-4(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 5 or 6 to
Pin 1,2,3,4
5V DC
Source
Source Meter
IR
CR
Pin 1-2 or
Pin 3-4
5V DC
Source
Source Meter
Pin1
Pin2
Pin3
Pin4
Pin8
Pin7
Pin6
Pin5
Pin9
Pin10
Item
Description
Source
Equipment
Rdc
Pin 1-8, 2-7,
3-6, 4-5
10mA DC
Source
Source Meter
CM
Impedance
Pin 1-2(Short) to
Pin 8-7(Short)
Pin 3-4(Short) to
Pin 6-5(Short)
500mV
LCR Meter
(3GHz)
IL
Pin 9 or 10 to
Pin 1~4 or 5~8
5V DC
Source
Source Meter
Two Lines
Four Lines


Similar Part No. - LCFEA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCFE LITTELFUSE-LCFE Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
LCFE060502A120TG LITTELFUSE-LCFE060502A120TG Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
LCFE060502A350TG LITTELFUSE-LCFE060502A350TG Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
LCFE060502A650TG LITTELFUSE-LCFE060502A650TG Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
LCFE080602A120TG LITTELFUSE-LCFE080602A120TG Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
More results

Similar Description - LCFEA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
This specification covers the performance requirements for silicon, general purpose,
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance...
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
logo
TE Connectivity Ltd
114-6041 TEC-114-6041 Datasheet
258Kb / 10P
This specification covers the requirements for application of CHAMP Cable Connectors
logo
STMicroelectronics
ECMF04-4HSWM10 STMICROELECTRONICS-ECMF04-4HSWM10 Datasheet
2Mb / 13P
Common-mode filter with ESD protection for high-speed serial interfaces
June 2014 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
logo
Littelfuse
LCF LITTELFUSE-LCF Datasheet
5Mb / 18P
LCF Series covers the specification of the engineering requirements for both Common Mode Noise Filter (CMF) for high speed differential serial interfaces
LCFA LITTELFUSE-LCFA Datasheet
1Mb / 7P
LCFA Series cover the engineering requirements of Common Mode Noise Filter
LCFE LITTELFUSE-LCFE Datasheet
5Mb / 20P
This specification covers the engineering requirements for both Common Mode Noise Filter (CMF) and ESD Protection
logo
STMicroelectronics
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com