Electronic Components Datasheet Search
  English  ▼

X  

EV0100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EV0100
Description  SINGLE TONE SIREN/ALARM SOUND GENERATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EV0100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EV0100 Datasheet HTML 1Page - List of Unclassifed Manufacturers EV0100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CT-HOLLON
COMPANY SINGLE TONE SIREN/ALARM SOUND GENERATOR eV0100
http://www.ct-hollon.com
Tel:0755-8290 8963
Fax:0755-8294 1332
2/2
2004-4-5
ELECTRONICAL
CHARACTERISTICS
VCC=3V,
Temp=25℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Voltage
VCC
2.0
3.0
5.0
V
Stand-by Current
Isb
30
50
μA
Operating Current
Iop
300
500
μA
Ioh
1.0
mA
BZ1,BZ2
Driving current
Iol
1.0
mA
Operating Frequency
Fop
128
KHz
ABSOLUTE
MAXIMUM
RATINGS
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3~6
V
Vi
Input Voltage
-0.3~VCC+0.3
V
Vo
Output Voltage
-0.3~VCC+0.3
V
Tst
Storage Temperature
-40~125
Ttp
Operating Temperature
0~65
APPLICATION
CIRCUIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com