Electronic Components Datasheet Search
  English  ▼

X  

EV0100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EV0100
Description  SINGLE TONE SIREN/ALARM SOUND GENERATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EV0100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EV0100 Datasheet HTML 1Page - List of Unclassifed Manufacturers EV0100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CT-HOLLON
COMPANY
Symbol
Description
PIN
I/P,O/P
OSC2
Oscillator pin
1
I/P
OSC1
Oscillator pin
2
O/P
INI
An internal pull-up resistor. Might disabled
BZ1,BZ2 when connected to GND.
3
I/P
GND
Ground
4
BZ1
Audio output
5
O/P
BZ2
Audio output
6
O/P
VCC
Power
7
NC
No connecting
8
SINGLE TONE SIREN/ALARM SOUND GENERATOR
eV0100
http://www.ct-hollon.com
Tel:0755-8290 8963
Fax:0755-8294 1332
1/2
2004-4-5
The eV0100 is a CMOS design for single tone alarm sound application.
FEATURES:
1. Auto Power down function.
2. Low Operating Voltage:2V-5V.
3. CMOS process.
4. On-chip RC oscillator.
5. Low stand-by current.
6. Compatible RT0100.
7. Have 8DIP , 8SN package.
PIN DIAGARM
PIN OUT AND DESCRIPTION


Similar Part No. - EV0100

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EV01 OMRON-EV01 Datasheet
1Mb / 12P
Sensor Evaluation Board
2019
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
Evaluation Kit User Manual
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
User Manual
logo
Microchip Technology
EV01G21A MICROCHIP-EV01G21A Datasheet
7Mb / 40P
PIC18F56Q71 Curiosity Nano Hardware User Guide
01/2023 Rev. A
More results

Similar Description - EV0100

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617 Datasheet
34Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com