Electronic Components Datasheet Search
  English  ▼

X  

BL8021 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8021
Description  1.2A 1.5MHz Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8021 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8021 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.belling.com.cn
6
BL8021
switching currents do not pass through the input
source. The output capacitor keeps output ripple
small and ensures control-loop stability. The output
capacitor must also have low impedance at the
switching
frequency.
Ceramic,
polymer,
and
tantalum capacitors are suitable, with ceramic
exhibiting the lowest ESR and high-frequency
impedance. Output ripple with a ceramic output
capacitor is approximately as follows:
VRIPPLE = IL(PEAK)[1 / (2π x fOSC x COUT)]
If the capacitor has significant ESR, the output
ripple component due to capacitor ESR is as follows:
VRIPPLE(ESR) = IL(PEAK) x ESR
Application Information
Layout is critical to achieve clean and stable
operation. The switching power stage requires
particular attention. Follow these guidelines for
good PC board layout:
1) Place decoupling capacitors as close to the IC as
possible
2) Connect input and output capacitors to the
same power ground node with a star ground
configuration then to IC ground.
3) Keep the high-current paths as short and wide
as possible. Keep the path of switching current
(C1 to IN and C1 to GND) short. Avoid vias in
the switching paths.
4) If possible, connect IN, SW, and GND separately
to a large copper area to help cool the IC to
further improve efficiency and long-term
reliability.
5) Ensure all feedback connections are short and
direct. Place the feedback resistors as close to
the IC as possible.
6)
Route high-speed switching nodes away from
sensitive analog areas



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com