Electronic Components Datasheet Search
  English  ▼

X  

BL8021 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8021
Description  1.2A 1.5MHz Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8021 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8021 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8021 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
1.2A 1.5MHz Synchronous Buck Converter
BL8021
DESCRIPTION
The BL8021 is a high-efficiency, DC-to-DC step-
down switching regulators, capable of delivering up
to 1.2A of output current. The device operates from
an input voltage range of 2.6V to 5.5V and provides
an output voltage from 0.6V to VIN, making the
BL8021 ideal for low voltage power conversions.
Running at a fixed frequency of 1.5MHz allows the
use of small external components, such as ceramic
input and output caps, as well as small inductors,
while still providing low output ripples. This low
noise output along with its excellent efficiency
achieved by the internal synchronous rectifier,
making BL8021 an ideal green replacement for
large power consuming linear regulators. Internal
soft-start control circuitry reduces inrush current.
Short-circuit
and
thermal-overload
protection
improves design reliability.
BL8021 is housed in a SOT23-5 Package
FEATURES
 High Efficiency: Up to 96%
 Capable of Delivering 1.2A
 1.5MHz Switching Frequency
 No External Schottky Diode Needed
 Low dropout 100% Duty operation
 Internal Compensation and Soft-Start
 Current Mode control
 0.6V Reference for Low Output voltages
 Logic Control Shutdown (IQ<1uA)
 Thermal shutdown and UVLO
 Available in SOT23-5
APPLICATIONS
 Cellular phones
 Digital Cameras
 MP3 and MP4 players
 Set top boxes
 Wireless and DSL Modems
 USB supplied Devices in Notebooks
 Portable Devices
TYPICAL APPLICATION
GND
FB
IN
SW
240K
120K
10uF
LC3406
10uF
VOUT
1.8V/1A
VIN
2.6V to 7V
1.8V/1A Step-Down Converter
2.2uH
EN
PIN OUT & MARKING
GG: Product Code
YW: Date code (Year & Week)
BL8021
5.5V


Similar Part No. - BL8021

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
BL8021CB5TR BELLING-BL8021CB5TR Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results

Similar Description - BL8021

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021 Datasheet
492Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721C ACE-ACE721C Datasheet
402Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
ACE721C ACE-ACE721C_14 Datasheet
552Kb / 9P
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.5
logo
ON Semiconductor
NCP6332B ONSEMI-NCP6332B Datasheet
260Kb / 14P
1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
logo
SHANGHAI BELLING CO., L...
BL8026 BELLING-BL8026 Datasheet
793Kb / 6P
1.2A 1.5MHz 7V Synchronous Buck Converter
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA6002 MPOWER-MA6002 Datasheet
286Kb / 9P
Dual 1.2A 1.5MHz Synchronous Buck Converter
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
logo
Major-Power Technology ...
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com