Electronic Components Datasheet Search
  English  ▼

X  

RBA6 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # RBA6
Description  6 Watts Single and Dual Outputs DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA6 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  RBA6 Datasheet HTML 1Page - Wall Industries,Inc. RBA6 Datasheet HTML 2Page - Wall Industries,Inc. RBA6 Datasheet HTML 3Page - Wall Industries,Inc. RBA6 Datasheet HTML 4Page - Wall Industries,Inc. RBA6 Datasheet HTML 5Page - Wall Industries,Inc. RBA6 Datasheet HTML 6Page - Wall Industries,Inc. RBA6 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev A
RBA6 SERIES
6 Watts
Single and Dual Outputs
DC/DC Converter
4/17/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 7
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%RH, Nominal Input Voltage, and Rated Output Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency(8)
PWM Mode
300
kHz
Insulation Voltage
Input-Output, with test time of 1 minutes & leak current lower than 1mA
1500
VDC
Insulation Resistance
Input-Output, insulation voltage 500VDC
1000
M
Ω
Isolation Capacitance
Input-Output, 100KHz/0.1V
1000
pF
PHYSICAL SPECIFICATIONS
Weight
Through Hole
0.49oz (14g)
Chassis Mount
1.27oz (36g)
DIN Rail Mount
1.98oz (56g)
Dimensions (L x W x H)
Through Hole
1in x 1in x 0.46in
(25.4mm x 25.4mm x 11.7mm)
Chassis Mount
2.99in x 1.24in x 0.84in
(76mm x 31.5mm x 21.2mm)
DIN Rail Mount
2.99in x 1.24in x 1.02in
(76mm x 31.5mm x 25.8mm)
Casing Material
Aluminum Alloy
Cooling Method
Free Air Convection
SAFETY CHARACTERISTICS
Safety Approvals
IEC60950, UL60950, EN60950
EMI
CE
12VDC & 24VDC Nominal Input
CISPR32/EN55032
Class A (without external components)
Class B(9)
48VDC Nominal Input
CISPR32/EN55032
Class B(9)
RE
12VDC & 24VDC Nominal Input
CISPR32/EN55032
Class A (without external components)
Class B(9)
48VDC Nominal Input
CISPR32/EN55032
Class B(9)
EMS
EMS
IEC/EN61000-4-2
Contact ±4kV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
Perf. Criteria A
EFT
IEC/EN61000-4-4
±2kV(9)
Perf. Criteria B
Surge
IEC/EN61000-4-5
Line to Line ±2kV(9)
Perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
Perf. Criteria A
Voltage Dips, Short Interruptions &
Voltage Variations Immunity
IEC/EN61000-4-29 0%, 70%
Perf. Criteria B
NOTES
1.
Chassis mount and DIN rail mount options are available for this series. To indicate Chassis Mount, add “C” suffix to model number Ex. RBA6-
12S05C. To indicate DIN rail mount options, add “DN” suffix to model number Ex. RBA6-12S05DN.
2.
Efficiency is measured in nominal input voltage and rated output load. Due to input reverse polarity, chassis and DIN rail mount models minimum
efficiency greater than Min-2 is qualified.
3.
Capacitive load of positive and negative outputs are identical
4.
Due to input reverse polarity protection function, minimum value and input voltage range and starting voltage is higher than 1VDC DIP package.
5.
This is the absolute maximum rating the converter can operate at without damage, but it is not recommended.
6.
When testing from 0%-100% load working conditions, load regulation index is ±5%
7.
0%-5% load ripple & Noise is no more than 5% Vo. Ripple and noise are measured by “parallel cable” method.
8.
This series of products uses reduced frequency technology. The switching frequency is test value of full load, when load is reduced to below 50%,
switching frequency decreases with decreasing load.
9.
See Design Reference for recommended circuit.
10.
Recommended unbalanced degree of the dual output module load is ≤±5%. If the degree exceeds ±5%, then the product performance cannot be
guaranteed to comply with all parameters in the datasheet. Please contact factory for more information.
11. Customization is available, please contact factory.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com