Electronic Components Datasheet Search
  English  ▼

X  

RBA6 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # RBA6
Description  6 Watts Single and Dual Outputs DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

RBA6 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  RBA6 Datasheet HTML 1Page - Wall Industries,Inc. RBA6 Datasheet HTML 2Page - Wall Industries,Inc. RBA6 Datasheet HTML 3Page - Wall Industries,Inc. RBA6 Datasheet HTML 4Page - Wall Industries,Inc. RBA6 Datasheet HTML 5Page - Wall Industries,Inc. RBA6 Datasheet HTML 6Page - Wall Industries,Inc. RBA6 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev A
RBA6 SERIES
6 Watts
Single and Dual Outputs
DC/DC Converter
4/17/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 6 of 7
DIN Rail Mount (“DN” Suffix)
Pin Out
Pin
1
2
3
4
5
6
Dual
NC
GND
Vin
-Vo
0V
+Vo
Single
NC
GND
Vin
0V
NC
+Vo
Note:
Unit: mm [inch]
Mounting Rail: TS35
Wire Range: 24-12 AWG
Tightening Torque: Max 0.4 N∙m
General tolerances: ±1.00 [±0.039]
DESIGN REFERENCE
1. Typical Application Circuit
All the DC/DC converters in this series are tested according to the recommended circuit (below) before delivery. If it is required to further
reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or select capacitors of low
equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.
Vin (VDC)
Cin(uF)
Cout(uF)
12
100
10
24
10-47
48
100
2. EMC Solution-Recommended Circuit
Notes: Part
①intheabovefigureisusedforEMStestandpart②
for EMI filtering; selected based on needs.
Parameter Description
Model
Vin: 12V
Vin: 24V
Vin: 48V
FUSE
Choose according to actual input current
MOV
S14K20
S20K30
14D101K
C0
1000µF/35V
1000µF/50V
330uF/100V
C1
1µF/50V
4.7uF/100V
C2
Refer to the Cout in Typ. Application Circuit
LDM1
4.7µH
CY1/CY2
1nF/2KV
3. It is not allowed to connect modules output in parallel to increase power.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com