Electronic Components Datasheet Search
  English  ▼

X  

HT16511 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT16511
Description  1/8 to 1/16 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16511 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT16511 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tPHL
Propagation Delay Time
5V
CLK
®DO
CL=15pF, RL=10k
W
¾¾
300
ns
tPLH
5V
¾¾
100
ns
tr1
Rise Time
5V
CL=300pF, S0~S12
¾¾
2
ms
tr2
5V
CL=300pF, G1~G16
¾¾
0.5
ms
tf
Fall Time
5V
CL=300pF, Sn, Gn
¾¾
120
ms
tmax
Maximum Clock Frequency
5V
Duty=50%
1
¾¾
MHz
Ci
Input Capacitance
5V
¾¾
¾
15
pF
tCW
Clock Pulse Width
5V
¾
400
¾¾
ns
tSW
Strobe Pulse Width
5V
¾
1
¾¾
us
tSU
Data Setup Time
5V
¾
100
¾¾
ns
th
Data Hold Time
5V
¾
100
¾¾
ns
tCS
Clock-Strobe Time
5V
CLK rising edge to CS rising edge
1
¾¾
ms
tW
Wait Time
5V
CLK rising edge to CLK falling edge
1
¾¾
ms
HT16511
Rev. 1.10
5
September 18, 2003
Functional Description
Display RAM and Display Mode
The static display RAM is organized into 40
´8 bits and
stores the data transmitted from an external device to
the HT16511 through a serial interface. The contents of
the RAM are directly mapped to the contents of the VFD
driver. Data in the RAM can be accessed through the
data setting, address setting and display control com-
mands. It is assigned addresses in 8-bit unit as follows:
Note:
Only the lower 4 bits of the addresses assigned
to SEG17 through SEG20 are valid, the higher
4 bits are ignored.
Dimming Control
HT16511 provides 8-step dimmer function on display by
controlling the 3-bit binary command code. The full
pulse width of grid signal is divides into 16 uniform sec-
tions by PWM (pulse width modulation) technology.
The 16 uniform sections available form 8 steps dimmer
via 3-bit binary code. The 8-step dimmer includes 1/16,
2/16, 4/16, 10/16, 11/16, 12/16, 13/16 and 14/16. The
1/16 pulse width indicates minimum lightness. The
14/16 pulse width represents maximum lightness (Refer
to the display control command).
Key Matrix and Key-Input Data Storage RAM
The key matrix scans the series key states at each level
of the key strobe signal (S1/K1~S12/K12) output of the
HT16511. The key strobe signal outputs are
time-multiplexed signals from S1/K1~S12/K12. The
states of inputs K0~K3 are sampled by strobe signal
S1/K1~S12/K12 and latched into the register.
0 1 H U
0 4 H U
0 7 H U
0 A H U
0 D H U
1 0 H U
1 3 H U
1 6 H U
1 9 H U
1 C H U
1 F H U
2 2 H U
2 5 H U
2 8 H U
2 B H U
2 E H U
0 0 H L
0 3 H L
0 6 H L
0 9 H L
0 C H L
0 F H L
1 2 H L
1 5 H L
1 8 H L
1 B H L
1 E H L
2 1 H L
2 4 H L
2 7 H L
2 A H L
2 D H L
0 0 H U
0 3 H U
0 6 H U
0 9 H U
0 C H U
0 F H U
1 2 H U
1 5 H U
1 8 H U
1 B H U
1 E H U
2 1 H U
2 4 H U
2 7 H U
2 A H U
2 D H U
S E G 1
S E G 4
S E G 8
S E G 1 2
S E G 1 6
S E G 2 0
0 1 H L
0 4 H L
0 7 H L
0 A H L
0 D H L
1 0 H L
1 3 H L
1 6 H L
1 9 H L
1 C H L
1 F H L
2 2 H L
2 5 H L
2 8 H L
2 B H L
2 E H L
0 2 H L
0 5 H L
0 8 H L
0 B H L
0 E H L
1 1 H L
1 4 H L
1 7 H L
1 A H L
1 D H L
2 0 H L
2 3 H L
2 6 H L
2 9 H L
2 C H L
2 F H L
D I G 1
D I G 2
D I G 3
D I G 4
D I G 5
D I G 6
D I G 7
D I G 8
D I G 9
D I G 1 0
D I G 1 1
D I G 1 2
D I G 1 3
D I G 1 4
D I G 1 5
D I G 1 6
X X H L
X X H U
b 0
b 3 b 4
b 7
L o w e r
4 b i t s
H i g h e r
4 b i t s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com